Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD4509 Datasheet(PDF) 4 Page - Ceramate Technical

Part # CMD4509
Description  5-CH BTL Driver for DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CMD4509 Datasheet(HTML) 4 Page - Ceramate Technical

  CMD4509 Datasheet HTML 1Page - Ceramate Technical CMD4509 Datasheet HTML 2Page - Ceramate Technical CMD4509 Datasheet HTML 3Page - Ceramate Technical CMD4509 Datasheet HTML 4Page - Ceramate Technical CMD4509 Datasheet HTML 5Page - Ceramate Technical CMD4509 Datasheet HTML 6Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CMD4509
5-CH BTL Driver for DVD Player
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 4 of 6
Rev 1.0 Dec. 15,2004
Electrical Characteristics
(VCC1=8V, VCC2=5V, BIAS=2.5V, f=1kHz, RL=8Ω, RS=0.5Ω, Ta=25℃ unless otherwise specified)
Limit
Characteristics
Symbol
Conditions
Min
Typ.
Max
Unit
Quiescent current
Icc
-
30
-
mA
Voltage for mute ON
Vston
0
-
0.5
V
Voltage for mute OFF
Vstoff
2.0
-
5
V
[Actuator Part]
Output offset voltage
Voo
-
-
+50
mV
Maximum output voltage
Vom
@10ΩLoad
3.6
4.0
-
V
Voltage gain
Gv
VIN=BIAS+0.2Vpp ac @1KHz
21.5
23.5
25.5
dB
[Sled Part]
Output offset voltage
Voofsl
-
-
+100
mV
Maximum output voltage
Vomsl
@20ΩLoad
7.5
9.0
-
V
Closed loop voltage gain
Gvsl
VIN=BIAS+0.2Vpp ac @1KHz
18
20
22
dB
[Spindle Part]
Output offset voltage
Voofld
-
-
+50
mV
Maximum output voltage
Vomax
@8ΩLoad
-
3.5
-
V
Voltage gain
Gvld
VIN=BIAS+0.2Vpp ac @1KHz
13.3
15.5
17.5
dB
Gain error by polarity
Gvld
△
VIN=BIAS+0.2Vpp ac @1KHz
0
1
2
dB
[Tray Driver Part]
Output saturation voltage 1
Vsat1
Upper + Lower saturation, IL=200mA
0.7
1.1
1.5
V
Output saturation voltage
between F&R
Vsat1
△
Output saturation voltage 1 between
FWD and REV
-
-
0.1
V
Output saturation voltage 2
Vsat2
Upper + Lower saturation, IL=500mA
1.0
1.55
2.2
V
Output adjustable gain on “H”
side voltage
VvtrH
VCTL=2V
7.4
9.2
11
dB
High level input voltage
VIH
1.5
-
Vcc
V
Low level input voltage
VIL
-0.3
-
0.5
V
High level input current
IIH
VFWD=VREV=5V
-
180
270
µA
[Regulator]
Output voltage
Vreg
IL=500mA
1.5
4.0
V
Output load differential
︿
VRL
IL=500mA
-50
0
50
mV
Power supply voltage
differential
︿
VVCC
(Vcc=4.5~8V) IL=500mA
-25
0
25
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com