Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD4509 Datasheet(PDF) 1 Page - Ceramate Technical

Part # CMD4509
Description  5-CH BTL Driver for DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CMD4509 Datasheet(HTML) 1 Page - Ceramate Technical

  CMD4509 Datasheet HTML 1Page - Ceramate Technical CMD4509 Datasheet HTML 2Page - Ceramate Technical CMD4509 Datasheet HTML 3Page - Ceramate Technical CMD4509 Datasheet HTML 4Page - Ceramate Technical CMD4509 Datasheet HTML 5Page - Ceramate Technical CMD4509 Datasheet HTML 6Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMD4509
5-CH BTL Driver for DVD Player
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 6
Rev 1.0 Dec. 15,2004
Features
Descriptions
2-CH BTL driver
2-CH BTL driver with current feedback
1-CH forward/reverse control DC motor
Built-in motor speed control circuit
Built-in TSD (thermal shut down) circuit
Built-in mute mode
Operating supply voltage(4.5V~13.2V)
The CMD4509 is a 5-CH motor driver for
CD-p/VCD/DVD systems. It is composed of
2-CH BTL driver, 2-CH driver with current
feedback and 1-CH forward/reverse control
DC motor driver.
Internal Block Diagram
10K
10K
10K
25K
25K
15K
13
4
5
6
7
89
10
11
12
13
14
15
16
17
18
28
27
26
25
24
23
22
21
20
19
25K
10K
Spindle
Driver
Actuator
Driver
Actuator
Driver
Sled
Driver
TRAY
DRIVER
Pre-DRV
MUTE
Thermal
Shut down
2
VCC1
VCC2
VCC2
+
-
+
-
+
-
+
-
VCC2
VCC1
VINFC
TR B
1
REGO2VINSL+
FWD
REV
REGO1
VCC1
VOTR- VOTR+ VOSL+ VOSL- VOFC- VOFC+
MUTE BIAS
VINTK
TRB 2 OPOUT VINLD
GND
VCTL
OPIN VCC2
VOLD-
VOLD+ VOTK- VOTK+
PGND
PGND
GND


Similar Part No. - CMD4509

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
5-CH Motor Drive IC
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
5-CH BTL Driver for DVD Player
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
5-CH BTL Driver for DVD Player
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
5-CH BTL Driver for DVD Player
More results

Similar Description - CMD4509

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
5-CH BTL Driver for DVD Player
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
5-CH BTL Driver for DVD Player
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S Datasheet
120Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868 UTC-UA8868_15 Datasheet
207Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
5-channel BTL Driver for DVD player
Oct 2005 V1.3
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
5-channel BTL Driver for DVD player
May 2010 V1.6T
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com