Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0636M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0636M
Description  3-PHASE HALF-BRIDGE GATE DRIVER IN SO28
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0636M Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0636M Datasheet HTML 1Page - Diodes Incorporated DGD0636M Datasheet HTML 2Page - Diodes Incorporated DGD0636M Datasheet HTML 3Page - Diodes Incorporated DGD0636M Datasheet HTML 4Page - Diodes Incorporated DGD0636M Datasheet HTML 5Page - Diodes Incorporated DGD0636M Datasheet HTML 6Page - Diodes Incorporated DGD0636M Datasheet HTML 7Page - Diodes Incorporated DGD0636M Datasheet HTML 8Page - Diodes Incorporated DGD0636M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DGD0636M
3-PHASE HALF-BRIDGE GATE DRIVER IN SO28
Description
The DGD0636M is a three-phase gate driver IC designed for high-
voltage / high-speed applications, driving N-Channel MOSFETs and
IGBTs
in
a
half-bridge
configuration.
High-voltage
processing
techniques enable the DGD0636M’s high side to switch to 100V in a
bootstrap operation.
The DGD0636M logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) for easy interfacing with controlling
devices and are enabled low to better function in high-noise
environments. The driver outputs feature high-pulse current buffers
designed for minimum driver cross conduction.
The DGD0636M offers numerous protection functions. A shoot-
through protection logic prevents both outputs from being high when
both inputs are high (fault state). An undervoltage lockout for VCC
shuts down the respective high-side output. An overcurrent protection
will terminate the six outputs. Both the VCC UVLO and the
overcurrent protection trip an automatic fault clear with a timing that is
adjustable with an external capacitor.
The DGD0636M is offered in SO-28 package and the operating
temperature extends from -40°C to +125°C.
Applications
•
3-Phase Motor Inverter Driver
•
BLDC Motor Driver
•
Industrial Motor Inverter – Power Tools, Robotics
•
General Purpose 3-Phase Inverter
Features
•
Three Floating High-Side Drivers in Bootstrap Operation to
100V
•
200mA Source / 350mA Sink Output Current Capability
•
Outputs Tolerant to Negative Transients, dV/dt Immune
•
Logic Input 3.3V Capability
•
Internal Deadtime of 290ns to Protect MOSFETs and IGBTs
•
Matched Prop Delay for All Channels
•
Outputs Out of Phase with Inputs
•
Schmitt Triggered Logic Inputs
•
Cross Conduction Prevention Logic
•
Undervoltage Lockout for All Channels
•
Overcurrent Protection Shuts Down Drivers
•
Extended Temperature Range: -40°C to +125°C
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony free. “Green” Device (Note 3)
Mechanical Data
•
Case: SO-28 (Type TH)
•
Case Material: Molded Plastic. “Green” Molding Compound.
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish—Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight: 0.250 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD0636MS28-13
DGD0636M
13
24
1500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
SO-28
Top View
Typical Configuration
DGD0636M
Document Number DS41731 Rev. 1 – 2
1 of 12
www.diodes.com
February 2019
© Diodes Incorporated


Similar Part No. - DGD0636M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWT-7 DIODES-DGD0211CWT-7 Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
logo
TECH PUBLIC Electronics...
DGD0211CWT-TP TECHPUBLIC-DGD0211CWT-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
Diodes Incorporated
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
DGD0211CWTQ-7 DIODES-DGD0211CWTQ-7 Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results

Similar Description - DGD0636M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
FAN7389 FAIRCHILD-FAN7389_13 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73894 ONSEMI-FAN73894 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
logo
Diodes Incorporated
DGD2136 DIODES-DGD2136 Datasheet
1Mb / 14P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
November 2021
DGD2136M DIODES-DGD2136M Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
DGD2388M DIODES-DGD2388M Datasheet
731Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-20
Rev. 1 - 2 February 2021
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
3-Phase Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com