Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCSA760 Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # WCSA760
Description  Adjustable Current Switch Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCSA760 Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  WCSA760 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WCSA760
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2020/1/16
Page 4
Characteristic Diagrams:
(1)Switch
0
100
200
300
400
500
600
700
800
900
1000
Time(mS)
0
50
100
150
200
250
300
350
0
25
50
75
100
125
150
175
200
0
100
200
300
400
500
600
700
800
900
1000
Time(uS)
Response Time with 15pF Capacitive Load
0
2
4
6
8
10
12
14
16
18
20
5A(150mV)
5A (150mV) Input Step Step, 2.5A (75mV) Overdrive
V
Vdd = 5V
CLOAD = 15PF TO GND
TA = 25°C
5
4
3
2
1
0
5V
VComp- (V-)
Vout
Internal Hall Signal (V+)
Vout
-
+
Comp
VComp-
5A(150mV)
Fig. 1
0
100
200
300
400
500
600
700
800
900
1000
Time(mS)
Response Time with 0.01uF Capacitive Load
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5A(150mV)
5A (150mV) Step, 2.5A (75mV) Overdrive
5A (150mV) Input Step, 2.5A (75mV) Overdrive
0
100
200
300
400
500
600
700
800
900
1000
Time(mS)
0
50
100
150
200
250
300
350
Vdd = 5V
CLOAD = 0.01uF TO GND
TA = 25°C
5
4
3
2
1
0
5V
VComp- (V-)
Vout
Vout
-
+
Comp
VComp-
5A(150mV)
Internal Hall Signal (V+)
V
Fig. 2
Time(mS)
Response Time with 0.1uF Capacitive Load
0
5
10
15
20
25
30
35
40
45
50
0
100
200
300
400
500
600
700
800
900
1000
Time(mS)
0
50
100
150
200
250
300
350
Vdd = 5V
CLOAD = 0.1uF TO GND
TA = 25°C
5
4
3
2
1
0
5V
VComp- (V-)
Vout
Vout
-
+
Comp
VComp-
5A(150mV)
5A(150mV)
5A (150mV) Input Step , 2.5A (75mV) Overdrive
Internal Hall Signal (V+)
V
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com