Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCSA760 Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # WCSA760
Description  Adjustable Current Switch Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCSA760 Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

  WCSA760 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
WCSA760
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2020/1/16
Page 8
(2)Current Switching - Formula Solution Method:
1. The Zero Current Value
1.1Measure the Zero Current Value V0A : Vset pin and Vout pin are
short-circuited, and output pin does not need to be connected to any load
which is as shown in Fig.11. The output voltage (Vout) is directly measured
by a multimeter under DC mode.
1.2The Measuring Current
↹VoltageV0A:measuretheoutput’svoltage
when no current pass through under the supply voltage 5V and record this
voltage.
VIP = V0A ≒2.5V
2. The Overcurrent Value
2.1Set the Reference Voltage Vset : Vset pin and Vout pin are
open-circuited, which is as shown in Fig.12. The Vset pin input voltage
range is 0~Vdd.
3.2The Overcurrent Current Value
↹VoltageVset:,WCSA760sensitivity
is about 32mV/A under the supply voltage 5V.
(ΔV = Current ﹡Sensitivity)
Example 1: the overcurrent value is 10A
Vset = V10A = (V0A+
ΔV) = 2.5+(10*0.032)≒2.82V
Example 2: the overcurrent value is -10A
Vset = V-10A = (V0A-
ΔV) = 2.5-(10*0.032)≒2.18V
Example 3: the overcurrent value is 20A
Vset = V20A = (V0A+
ΔV) = 2.5+(20*0.032)≒3.14V
3. Output : the output voltage levels will change according to the Vset voltage.
(3)Current Measuring
1. Supply Voltage :apply voltage Vdd。
2. Measure the Zero Current Output Voltage V0A (Internal Signal, VIP):
Vset pin and Vout pin are short-circuited, and output pin needs to be
connected capacitive load to GND, recommend value is 0.01uF. As shown
in Fig.13. (Internal circuit configuration of this device is used a comparator,
the phase compensation capacitance for oscillation prevention is not
included in the comparator. So users need to connect capacitive load in
parallel at output terminal if using in a negative feedback configuration.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com