Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCSA760 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WCSA760
Description  Adjustable Current Switch Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCSA760 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WCSA760 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WCSA760
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2020/1/16
Page 2
Absolute Maximum Range
Supply Voltage, Vdd ----------------------------- 14V
Pass Through Wire Diameter ---------------- 9mm
Output Current Sink----------------------------- 50uA
Output Current Source------------------------ 1.5mA
Basic Isolation Voltage ---------------------- 4000V
Operating Temperature Range, Ta ------------------
----------------------------------------- -20ºC to +125ºC
Storage Temperature Range, Ts ---------------------
----------------------------------------- -65ºC to +150ºC
Power Dissipation, Pd -----------------------------1W
Number
Name
Description
1
Vdd
Power supply terminal
2
Vset
Setup input terminal
3
Vout
Output voltage terminal
4
GND
Signal ground terminal
+IP Current Path
①Vdd
④GND
③Vout
②Vset
( Vdd =
5V )
Function
Current Range
Resolution
Sensitivity
Switch
DC:±0~60A
±0.25 A
Linear
DC:±0~60A
32 mV/A
AC:rms 40A
Function Block:
Vout
Functional Block Diagram
Differential
Amplifier
Gain
Control
Driver
Circuit
Temperature
Compensation
Voltage
Regulator
-
+
Comp
Vset
VIP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com