Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCSA760 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # WCSA760
Description  Adjustable Current Switch Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCSA760 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  WCSA760 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
WCSA760
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2020/1/16
Page 3
Electrical Characteristics:
(T=+25˚C, V
dd=5.0V )
Characteristic
Symbol
Test Conditions Min
Typ
Max Units
Supply Voltage
Vdd
─
3.0
─
12
V
Supply Current
Isupply
IP =0 A
─
3.5
6.0
mA
Conductor Through Hole
─
─
─
9.0
─
mm²
Switching Characteristics:
(T=+25˚C, V
dd=5.0V )
Characteristic
Symbol
Test Conditions
Min
Typ Max Units
Output Voltage
VH
Full Range
Vdd-0.2
-
-
V
VL
-
-
0.1
Resolution
IPResolution
-
-
±0.25
-
A
Adjustable Current Range
PR
DC Mode
-
±60
-
A
Response Time
(low to high level)
TRP
With 2.5A overdrive
CLoad = 15pF
(1) (2) (3)
-
0.5
-
uS
With 2.5A overdrive
CLoad = 0.01uF
(1) (2) (3)
-
60
-
Response Time
(high to low level)
With 2.5A overdrive
CLoad = 15pF
(1) (2) (3)
-
4
-
With 2.5A overdrive
CLoad = 0.01uF
(1) (2) (3)
-
900
-
Rising Time
TRISE
With 2.5A overdrive
CLoad = 15pF
(1) (2) (3)
-
0.5
-
uS
Fall Time
TFALL
With 2.5A overdrive
CLoad = 15pF
(1) (2) (3)
-
4
-
uS
1. CLoad includes probe and jig capacitance.
2. The response time is specified for a 5A(150mV) input step with 2.5A(75mV) overdrive.
3.
Response time can refer to “characteristic Diagrams”
Fig.1~3.
Linear Characteristics:
(T=+25˚C, V
dd=5.0V, Vset pin and Vout pin short )
Characteristic
Symbol
Test Conditions Min
Typ
Max Units
Zero Current Vout
VIP
IP =0 A
2.35
2.5
2.65
V
Sensitivity
Sens
IP= +-10 A
27.2
32
36.8
mV/A
Bandwidth
BW
─
-
23
-
kHz
Measurable Current Range
MR
Vdd=5V (DC Mode)
-
±60
-
A
Vdd=5V (AC RMS )
-
40
-
Temperature Drift
△Vout
Ip =0 A
-
±0.5
-
mV/℃
Output Noise
VNp-p(0.01F)
IP =0 A, CLoad = 0.01uF
—
12
—
mV
VNp-p(0.1uF)
IP =0 A, CLoad = 0.1uF
—
7
—
1. All output-voltage measurements are made with a voltmeter having an input impedance which is
at least 100kΩ
2. Connect ‘capacitive load’ (0.01uF) in parallel at output pin.
Do not apply any ‘resistor load’ on output pin, it will degrade IC’s performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com