Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3064EARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3064EARZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3064EARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM3064EARZ-R7 Datasheet HTML 1Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 2Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 3Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 4Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 5Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 6Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 7Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 8Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
SPECIFICATIONS
analog.com
Rev. H | 4 of 25
VCC = 3.0 V to 5.5 V, VIO = 1.62 V to VCC (ADM3062E/ADM3064E/ADM3066E/ADM3068E), TA = TMIN (−40°C) to TMAX (+125°C), unless
otherwise noted. All typical specifications are at TA = 25°C, VIO = VCC = 3.3 V, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
No Load Supply Current
ICC
3.5
7.5
mA
DE = VIO1, RE = 0 V
3.5
7.5
mA
DE = VIO, RE = VIO
3
4.5
mA
DE = 0 V, RE = 0 V
ADM3065E/ADM3066E/ADM3067E/ADM3068E
Supply Current, Data Rate = 50 Mbps
ICC
107
172
mA
Load resistance (RL) = 54 Ω, DE = VIO, RE = 0 V (VCC ≥
4.5 V)
67
75
mA
RL = 54 Ω, DE = VIO, RE = 0 V (VCC = 3.0 V)
ADM3061E/ADM3062E/ADM3063E/ADM3064E
Supply Current, Data Rate = 500 kbps
ICC
100
165
mA
RL = 54 Ω, DE = VIO, RE = 0 V (VCC ≥ 4.5 V)
56
74
mA
RL = 54 Ω, DE = VIO, RE = 0 V (VCC = 3.0 V)
Supply Current in Shutdown Mode
ISHDN
210
450
µA
DE = 0 V, RE = VIO
VIO Shutdown Current2
IIOSHDN
1
50
µA
DE = 0 V, RE = VIO
DRIVER
Differential Outputs
Output Voltage, Loaded
|VOD2|
2.0
2.5
VCC
V
VCC ≥ 3.0 V, RL = 50 Ω, see Figure 38
|VOD2|
1.5
2.1
VCC
V
VCC ≥ 3.0 V, RL = 27 Ω (RS-485), see Figure 38
|VOD2|
2.1
3.5
VCC
V
VCC ≥ 4.5 V, RL = 50 Ω, see Figure 38
|VOD2|
2.1
3
VCC
V
VCC ≥ 4.5 V, RL = 27 Ω (RS-485), see Figure 38
|VOD3|
1.5
2.1
VCC
V
VCC ≥ 3.0 V, −7 V ≤ common-mode voltage (VCM) ≤ +12 V,
see Figure 39
|VOD3|
2.1
3
VCC
V
VCC ≥ 4.5 V, −7 V ≤ VCM ≤ +12 V, see Figure 39
Change in Differential Input Voltage for
∆|VOD|
0.2
V
RL = 27 Ω or 50 Ω, see Figure 38
Complementary Output States
Common-Mode Output Voltage
VOC
1.6
3.0
V
RL = 27 Ω or 50 Ω, see Figure 38
Change in Common-Mode Voltage for
∆|VOC|
0.2
V
RL = 27 Ω or 50 Ω, see Figure 38
Complementary Output States
Output Short-Circuit Current
IOS
−250
+250
mA
−7 V < output voltage (VOUT) < +12 V
Output Leakage (Y, Z)3
IO
+100
µA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V, input voltage (VIN)
= 12 V
−100
µA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V, VIN = −7 V
Logic Inputs (DE, RE, DI)
Input Voltage
Low
VIL
0.33 × VIO V
DE, RE, DI, 1.62 V ≤ VIO ≤ 5.5 V
High
VIH
0.67 × VIO
V
DE, RE, DI, 1.62 V ≤ VIO ≤ 5.5 V
Input Current
II
−2
+2
µA
DE, RE, DI, 1.62 V ≤ VIO ≤ 5.5 V, 0 V ≤ VIN ≤ VIO
RECEIVER
Differential Inputs
Differential Input Threshold Voltage
VTH
−200
−125
−30
mV
−7 V < VCM < +12 V
Input Voltage Hysteresis
VHYS
30
mV
−7 V < VCM < +12 V
Input Current (A, B)
II
0.1
0.25
mA
DE = 0 V, VCC = powered/unpowered, VIN = 12 V
−0.20
−0.1
mA
DE = 0 V, VCC = powered/unpowered, VIN = −7 V
Line Input Resistance
RIN
48
96
kΩ
−7 V ≤ VCM ≤ +12 V
Logic Outputs
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com