Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3064EARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3064EARZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3064EARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM3064EARZ-R7 Datasheet HTML 1Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 2Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 3Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 4Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 5Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 6Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 7Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 8Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
SPECIFICATIONS
analog.com
Rev. H | 5 of 25
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Low
VOL
0.4
V
VIO = 3.6 V, output current (IOUT) = 2 mA,
VID4 ≤ −0.2 V
0.4
V
VIO = 2.7 V, IOUT = 1 mA, VID ≤ −0.2 V2
0.2
V
VIO = 1.95 V, IOUT = +500 µA, VID ≤ −0.2 V2
High
VOH
2.4
V
VIO = 3.0 V, IOUT = −2 mA, VID ≥ −0.03 V
2.0
V
VIO = 2.3 V, IOUT = −1 mA, VID ≥ −0.03 V2
VIO − 0.2
V
VIO = 1.65 V, IOUT = −500 µA, VID ≥ −0.03 V2
Short-Circuit Current
85
mA
VOUT = GND or VIO
Three-State Output Leakage
IOZR
±2
µA
RO pin = 0 V or VIO
1 VIO = VCC for ADM3061E/ADM3063E/ADM3065E/ADM3067E.
2 ADM3062E/ADM3064E/ADM3066E/ADM3068E only.
3 ADM3063E/ADM3064E/ADM3067E/ADM3068E only.
4 VID is the receiver input differential voltage.
TIMING SPECIFICATIONS
ADM3061E/ADM3062E/ADM3063E/ADM3064E
VCC = 3.0 V to 5.5 V, VIO = 1.62 V to VCC (ADM3062E/ADM3064E), TA = TMIN (−40°C) to TMAX (+125°C), unless otherwise noted. All typical
specifications are at TA = 25°C, VIO = VCC = 3.3 V, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate1
500
kbps
Propagation Delay
tDPLH, tDPHL
220
800
ns
RLDIFF capacitor = 54 Ω, CL1 capacitor = CL2 capacitor = 100 pF,
see Figure 5 and Figure 40
Skew
tDSKEW
5
100
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 5 and Figure 40
Rise/Fall Times
tDR, tDF
120
300
800
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 5 and Figure 40
Enable to Output High
tDZH
100
1000
ns
RL = 110 Ω, CL = 50 pF, see Figure 6 and Figure 41
Enable to Output Low
tDZL
100
1000
ns
RL = 110 Ω, CL = 50 pF, see Figure 6 and Figure 41
Disable Time from Low
tDLZ
350
2000
ns
RL = 110 Ω, CL = 50 pF, see Figure 6 and Figure 41
Disable Time from High
tDHZ
600
2000
ns
RL = 110 Ω, CL = 50 pF, see Figure 6 and Figure 41
Enable Time from Shutdown to High
tDZH(SHDN)2
550
2000
ns
RL = 110 Ω, CL = 50 pF, see Figure 6 and Figure 41
Enable Time from Shutdown to Low
tDZL(SHDN)2
550
2000
ns
RL = 110 Ω, CL = 50 pF, see Figure 6 and Figure 41
RECEIVER
Maximum Data Rate
500
kbps
Propagation Delay
tRPLH, tRPHL
200
ns
CL = 15 pF, |VID| ≥ 1.5 V, VCM = 1.5 V, see Figure 7 and Figure 42
Skew/Pulse Width Distortion
tRSKEW
50
ns
CL = 15 pF, |VID| ≥ 1.5 V, VCM = 1.5 V, see Figure 7 and Figure 42
Enable to Output High
tRZH
10
50
ns
RL = 1 kΩ, CL = 15 pF, |VID| ≥ 1.5 V, DE high, see Figure 8 and
Figure 44
Enable to Output Low
tRZL
10
50
ns
RL = 1 kΩ, CL = 15 pF, |VID| ≥ 1.5 V, DE high, see Figure 8 and
Figure 44
Disable Time from Low
tRLZ
10
50
ns
RL = 1 kΩ, CL = 15 pF, |VID| ≥ 1.5 V, see Figure 8 and Figure 44
Disable Time from High
tRHZ
10
50
ns
RL = 1 kΩ, CL = 15 pF, |VID| ≥ 1.5 V, see Figure 8 and Figure 44
Enable from Shutdown to High
tRZH(SHDN)3
2000
ns
RL = 1 kΩ, CL = 15 pF, |VID| ≥ 1.5 V, see Figure 8 and Figure 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com