Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3064EARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM3064EARZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3064EARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM3064EARZ-R7 Datasheet HTML 16Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 17Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 18Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 19Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 20Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 21Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 22Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 23Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
APPLICATIONS INFORMATION
analog.com
Rev. H | 20 of 25
The ADM3061E/ADM3065E transceiver is designed for bidirection-
al data communications on multipoint bus transmission lines. Figure
47 shows a typical network applications circuit.
To minimize reflections, terminate the line at both ends with a
termination resistor (the value of the termination resistor must be
equal to the characteristic impedance of the cable used) and keep
stub lengths off the main line as short as possible.
Figure 47. ADM3061E/ADM3065E Typical Half-Duplex RS-485 Communications Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com