Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3064EARZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM3064EARZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3064EARZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM3064EARZ-R7 Datasheet HTML 17Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 18Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 19Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 20Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 21Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 22Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 23Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 24Page - Analog Devices ADM3064EARZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
OUTLINE DIMENSIONS
analog.com
Rev. H | 23 of 25
Figure 53. 10-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-10-9)
Dimensions shown in millimeters
Figure 54. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)
Updated: January 18, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADM3061EARMZ
-40°C to +85°C
8-Lead MSOP
Tube, 50
RM-8
MBY
ADM3061EARMZ-R7
-40°C to +85°C
8-Lead MSOP
Reel, 1000
RM-8
MBY
ADM3061EARZ
-40°C to +85°C
8-Lead SOIC
Tube, 98
R-8
ADM3061EARZ-R7
-40°C to +85°C
8-Lead SOIC
Reel, 1000
R-8
ADM3061EBRMZ
-40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
MCX
ADM3061EBRMZ-R7
-40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
MCX
ADM3061EBRZ
-40°C to +125°C
8-Lead SOIC
Tube, 98
R-8
ADM3061EBRZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADM3062EACPZ
-40°C to +85°C
10-Lead LFCSP (3mm x 3mm)
Tray, 714
CP-10-9
MCC
ADM3062EACPZ-R7
-40°C to +85°C
10-Lead LFCSP (3mm x 3mm)
Reel, 1500
CP-10-9
MCC
ADM3062EARMZ
-40°C to +85°C
10-Lead MSOP
Tube, 50
RM-10
MC7
ADM3062EARMZ-R7
-40°C to +85°C
10-Lead MSOP
Reel, 1000
RM-10
MC7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com