Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKMCS1818E20A0-R1 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # PKMCS1818E20A0-R1
Description  Specification of Piezoelectric Sounder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS1818E20A0-R1 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  PKMCS1818E20A0-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
仕様書番号
Drawing No. JGB40-1595B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 3/12
7.
機械的性能
Physical Characteristics
試験項目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
7-1
耐衝撃性
Shock
加速度 100G(980m/s2)、作用時間 6ms の衝
撃を 6 面に各 3 回加えた後測定します。
Components shall be measured after being
applied 3 successive shocks, 100G (980m/s2)
for 6ms in the directions of 6 sides.
第 1 表を満足しま
す。
The measured value
shall meet Table 1.
7-2
耐振動性
Vibration
Resistant
振動周波数 10~2000Hz、5G(49m/s2)の振動
を X,Y,Z の 3 方向に各 4 時間印加後測定しま
す。
Component shall be measured after being ap-
plied vibration of 5G(49m/s2) with 10 to 2000Hz
band of vibration frequency to each of 3 per-
pendicular direction for 4 hours.
7-3
基板たわみ強度
Bend Strength
PCB
たわみ量2mm になるまで毎秒0.5mm の速さ
で加圧し、60+5/-0 秒間保持します。
Apply pressure in vertical direction shown in
right figure at a rate of about 0.5mm/s until bent
width reaches 2mm and hold for 60+5/-0 sec-
onds.
R10
10
ø5
Supporting rod
支持台
Off center
試験部品
Sample under the test
45
45
中心位置ずれ
±1.0
PCB
load
加圧
20
Pressing rod
加圧治具
基板厚み / PCB thickness : 1.6mm
単位 / unit : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com