Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKMCS1818E20A0-R1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

Part # PKMCS1818E20A0-R1
Description  Specification of Piezoelectric Sounder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS1818E20A0-R1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  PKMCS1818E20A0-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
仕様書番号
Drawing No. JGB40-1595B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 4/12
7-4 はんだ耐熱性
Resistance to
Soldering Heat
(1)リフロー方式
Re-flow
Soldering
下記プロファイルのリフロー炉に 2回通し
て、常温に取り出し1時間後測定する。
Components shall be measured after applying
twice of the re-flow soldering with following
temperature profile and leaving in natural
condition for 1 hour.
Gradual
Cooling
徐冷
加熱部
Heating
Pre-heating
ピーク
Peak
予熱
(150-180°C)
60 – 120 秒 / sec.
(230°C)
(260°C 以下 / max.)
)
30 秒以上
sec. min.
40 秒以内
sec. max.
120 秒以上
sec. min.
100
230
260
第 1 表を満足しま
す。
The measured value
shall meet Table 1.
(2)コテ付方式
Soldering
with Iron
温度+350
5Cで3.00.5秒間当て、常温に1
時間放置後に測定する。但し、はんだこて先は
電極部に直接接触しない事とする。
Components shall be measured after soldered
at +350
5C for 3.00.5 seconds, and then
being placed in natural condition for 1 hour. The
soldering iron shall not touch the components
while soldering.
7-5
はんだ付性
Solderability
LFはんだ (Sn-3Ag-0.5Cu)
PCT装置にて温度+105
C、湿度100%R.H.不飽
和の条件で、4時間のエージングをした後、端
子部分をロジンメタノール液に5秒浸した後、
+245
5Cの溶融はんだ中に30.5秒間浸す。
LF Solder (Sn-3Ag-0.5Cu)
After being kept in pressure cooker at +105
C
temperature
and
100%R.H.
for
4
hours,
terminals of components shall be immersed in a
soldering bath at temperature of
+245
5C for
3
0.5 seconds after being placed in a rosin-
methanol for 5 seconds.
端子の90%以上には
んだが付着します。
The solder shall
coat at least 90%
of the surface of
terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com