Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKMCS1818E20A0-R1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # PKMCS1818E20A0-R1
Description  Specification of Piezoelectric Sounder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS1818E20A0-R1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  PKMCS1818E20A0-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
仕様書番号
Drawing No. JGB40-1595B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 1/12
製品仕様書
Specification of Piezoelectric Sounder
決定年月日 Issue Date : May 20, 2021
1. 品番
Part Number
当
社
品 番
Murata Part Number
テーピング品
Taping
PKMCS1818E20A0-R1
2.
適用
Scope
当製品仕様書は、車載用の確認音等の発生回路に使用する圧電サウンダについて規定します。この
用途以外にご使用の場合には事前に当社へご連絡ください。
This product specification is applied to the piezoelectric sounder used for sounder in alarm systems
for automotive application.
Please contact us when using this product for any other applications
than described in the above.
3.
外観 及び 寸法
Appearance and Dimensions
3-1 外観
: 目視によって表示識別可能であり、汚れ等がありません。
Appearance
: No illegible marking. No visible dirt.
3-2 圧電サウンダの外形寸法図
: 製品単体の形状を項目9に示します。
Dimensions of component
: Please refer to item 9 for component dimensions.
4.
最大定格
Maximum Rating
項
目
Item
規
格
Specification
4-1
許容入力電圧
Maximum Input Voltage
18Vo-p 以下/max.
(極性あり)
(with polarity)
4-2
動作温度範囲
Operating Temperature Range
-40 ~+105℃
-40 to +105°C
4-3
保存温度範囲
Storage Temperature Range
-40 ~+105℃
- 40 to +105°C
5.
電気的性能
Electrical Characteristics
項
目
Item
規
格
Specification
5-1
音圧レベル
Sound Pressure Level
90dB 以上/min.
測定条件は次項を参照して下さい。
Refer to next item for measuring method.


Similar Part No. - PKMCS1818E20A0-R1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKMCS1818E20A0-R1 MURATA-PKMCS1818E20A0-R1 Datasheet
207Kb / 3P
Piezoelectric Sounders / Buzzers
More results

Similar Description - PKMCS1818E20A0-R1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA1-PKLCS1212E2000-R1_V01 Datasheet
420Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKLCS1212E2400-R1 MURATA1-PKLCS1212E2400-R1_V01 Datasheet
423Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKLCS1212E4001-R1 MURATA1-PKLCS1212E4001-R1_V01 Datasheet
411Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKM13EPYH4000-A0 MURATA1-PKM13EPYH4000-A0_V01 Datasheet
435Kb / 13P
Specification of Piezoelectric Sounder
December 26, 2017
PKM13EPYH4002-B0 MURATA1-PKM13EPYH4002-B0_V01 Datasheet
344Kb / 8P
Specification of Piezoelectric Sounder
December 26, 2017
PKM17EPPH4002-B0 MURATA1-PKM17EPPH4002-B0_V01 Datasheet
348Kb / 8P
Specification of Piezoelectric Sounder
December 28, 2017
PKM22EPH2001 MURATA1-PKM22EPH2001_V01 Datasheet
342Kb / 8P
Specification of Piezoelectric Sounder
December 27, 2017
PKM22EPH2002 MURATA1-PKM22EPH2002_V01 Datasheet
342Kb / 8P
Specification of Piezoelectric Sounder
December 28, 2017
PKM22EPPH2001-B0 MURATA1-PKM22EPPH2001-B0_V01 Datasheet
346Kb / 8P
Specification of Piezoelectric Sounder
January 22, 2018
PKMCS0909E4000-R1 MURATA1-PKMCS0909E4000-R1_V01 Datasheet
590Kb / 11P
Specification of Piezoelectric Sounder
May 22, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com