Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKMCS1818E20A0-R1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # PKMCS1818E20A0-R1
Description  Specification of Piezoelectric Sounder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS1818E20A0-R1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  PKMCS1818E20A0-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
仕様書番号
Drawing No. JGB40-1595B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 2/12
6.
測定方法
Measuring Method
6-1
音圧測定結線図
S.P.L. Measuring Circuit
入力信号:+12Vo-p, 2.0kHz, 方形波
Input Signal:+12Vo-p, 2.0kHz, Square wave
計測器 Measuring equipment
マイク/Mic.
Type4191
(Brüel & kjær) 又は相当品/ or Equivalent
アンプ/Pre Amp.
Type2669
(Brüel & kjær) 又は相当品/ or Equivalent
オーディオアナライザ/
Audio Analyzer
Type3560C (Brüel & kjær) 又は相当品/ or Equivalent
6-2
測定条件
Measuring Condition
□0.1mの基板に製品を付けた状態で、温度+25±3℃,湿度60±10%R.H.を標準測定状
態とし,特に疑義を生じない場合は、温度+5~+35℃,湿度45~85%の範囲内で測定しま
す。
After mounting products on PCB(□0.1m), standard conditions for the measurement shall
be +25
3C temperature and 6010%R.H. humidity. The measurement shall be per-
formed at the temperature of +5 to +35
C and the humidity of 45 to 85%R.H. unless oth-
erwise the result is doubtful.
圧電サウンダ
Piezoelectric Sounder
マイク
Mic.
アンプ
Pre Amp.
0.1m
オーディオアナライザ
Audio Analyzer
12V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com