Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP45 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # IP45
Description  IP68 Waterproof Connectors and Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IP45 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  IP45 Datasheet HTML 1Page - Bel Fuse Inc. IP45 Datasheet HTML 2Page - Bel Fuse Inc. IP45 Datasheet HTML 3Page - Bel Fuse Inc. IP45 Datasheet HTML 4Page - Bel Fuse Inc. IP45 Datasheet HTML 5Page - Bel Fuse Inc. IP45 Datasheet HTML 6Page - Bel Fuse Inc. IP45 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
belfuse.com/cinch
© 2022 Cinch Connectivity Solutions
AquaConn
IP68 Waterproof Interconnects
Connectors
TNC Straight Clamp Plug, RG316
Part Number
Material
Impedance
Maximum Frequency
VSWR
137-0403-011
Stainless Steel Passivated 50 Ohms
DC - 11 GHz
1.20 Max
TNC Straight Crimp Plug, RG316
Part Number
Material
Impedance
Maximum Frequency
VSWR
137-0203-001
Stainless Steel Passivated 50 Ohms
DC - 11 GHz
1.20 Max
TNC R/A Crimp Plug, RG316, Low Profile
Part Number
Material
Impedance
Maximum Frequency
VSWR
137-0403-101
Stainless Steel Passivated 50 Ohms
DC - 11 GHz
1.20 Max
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.4 INSULATOR: PTFE
1.5 GASKETS: SILICONE RUBBER
1.3 CABLE CONTACT: BRASS, GOLD PLATE
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-11 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 313-1, MIL-PRF-39012
3.2 CABLE: R316 OR EQUIVALENT
TNC STRAIGHT CLAMP PLUG
RG316
08/16/2021
TOMMY REN
08/16/2021
.437 [11.10]
.437 [11.10]
HEX
TO 10M FOR 4 HOURS IN AN
WATERPROOF
CONNECTOR
UNMATED CONDITION.
2 FLATS
ACROSS
GASKET
SEALING
AREA BETWEEN CABLE JACKET
AND NUT I.D. TO BE FILLED
WITH EPOXY DURING THE
CABLE ASSEMBLY PROCESS
29.25
1.152
.500
12.70
.130
I.D.
3.30
INITIAL RELEASE
137-0203-001/010
137-0203-001/010
137-0203-001
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.4 INSULATOR: PTFE
1.5 GASKETS: SILICONE RUBBER
1.3 CABLE CONTACT: BRASS, GOLD PLATE
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-11 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 313-1, MIL-PRF-39012
3.2 CABLE: R316 OR EQUIVALENT
TNC STRAIGHT CRIMP PLUG
RG316
08/16/2021
TOMMY REN
08/16/2021
INITIAL RELEASE
137-0403-011/020
137-0403-011/020
137-0403-011
.500
12.7
.823
20.9
1.435
36.4
9.9
.390
CRIMP
LOCATION
CONNECTOR WATERPROOF
TO 10M FOR 4 HOURS IN AN
UNMATED CONDITION
PER IP68
REAR OF CRIMP FERRULE TO
BE SEALED TO CABLE USING EPOXY
(RECOMMENDED SUPPLIER AND
APPLICATION INFORMATION PER
ES146) OR SILICONE DURING THE
CABLE ASSEMBLY PROCESS
FRONT END OF CRIMP
FERRULE SEALED TO
BODY WITH AN O-RING
DURING THE FERRULE
INSTALLATION STEP
OF CABLE ASSEMBLY
PROCESS
NOTES: 1. ADHESIVE LINED HEAT SHRINK TUBING TO BE
APPLIED OVER FERRULE CRIMP SECTION OF
CABLE ASSEMBLY (INCLUDED).
3.4 FERRULE CRIMP TOOL: .128 HEX (.375 MAX WIDE)
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BRASS, GOLD PLATE
1.4 INSULATOR: PTFE
1.5 GASKETS: SILICONE RUBBER
1.3 CRIMP FERRULE: BRASS, NICKEL PLATE
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-11 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 313-1, MIL-PRF-39012
3.2 CABLE: R316 OR EQUIVALENT
TNC RIGHT ANGLE CRIMP
PLUG RG316 (LOW PROFILE)
08/16/2021
TOMMY REN
08/16/2021
INITIAL RELEASE
137-0403-101/110
137-0403-101/110
137-0403-101
NOTES: 1. ADHESIVE LINED HEAT SHRINK TUBING TO BE
APPLIED OVER FERRULE CRIMP SECTION OF
CABLE ASSEMBLY (INCLUDED).
3.4 FERRULE CRIMP TOOL: .128 HEX (.375 MAX WIDE)
.955
24.3
.370
9.4
1.145
29.1
CONNECTOR WATERPROOF
TO 10M FOR 4 HOURS IN AN
UNMATED CONDITION
PER IP68
.437
11.1
FRONT END OF CRIMP FERRULE
SEALED TO BODY WITH AN O-RING
DURING THE FERRULE INSTALLATION
STEP OF CABLE ASSEMBLY PROCESS
REAR OF CRIMP FERRULE TO BE
SEALED TO CABLE USING EPOXY
OR SILICONE DURING THE
CABLE ASSEMBLY PROCESS
THREADED CAP TO BE SEALED
USING EPOXY OR SILICONE DURING
THE CABLE ASSEMBLY PROCESS
2.5 TEMPERATURE RATING: -65°C TO +165°C
Connectors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com