Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP45 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # IP45
Description  IP68 Waterproof Connectors and Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IP45 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  IP45 Datasheet HTML 1Page - Bel Fuse Inc. IP45 Datasheet HTML 2Page - Bel Fuse Inc. IP45 Datasheet HTML 3Page - Bel Fuse Inc. IP45 Datasheet HTML 4Page - Bel Fuse Inc. IP45 Datasheet HTML 5Page - Bel Fuse Inc. IP45 Datasheet HTML 6Page - Bel Fuse Inc. IP45 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
belfuse.com/cinch
© 2022 Cinch Connectivity Solutions
AquaConn
TNC Jack to MCX Bulkhead Adapter
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
134-1001-441
Brass, Nickel Plated
50 Ohms
DC - 6 GHz
1,000 VRMS
TNC Jack to MCX Bulkhead Adapter with Hex Nut
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
134-1001-451
Brass, Nickel Plated
50 Ohms
DC - 6 GHz
1,000 VRMS
TNC Jack to SMA Jack Bulkhead Adapter
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
134-1001-461
Stainless Steel Passivated 50 Ohms
DC - 11 GHz
1,000 VRMS
1. MATERIAL AND FINISH:
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-11 GHZ
2.3 INSULATION RESISTANCE: 5,000 MEGOHMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348, MIL-PRF-39012
3.2 PANEL THICKNESS: .250 [6.4] MAX.
12/03/2021
TOMMY REN
12/03/2021
INITIAL RELEASE
134-1001-461/470
134-1001-461/470
134-1001-461
1.1 BODY: STAINLESS STEEL, PASSIVATED
UNMATED CONDITION PER IP68
TO 10M FOR 4 HOURS IN AN
CONNECTOR WATERPROOF
10.29
.405
ACROSS
1 FLAT
31.04
1.222
12.95
.510
10.16
.400
15.88
.625
7/16-28 UNEF-2A
.562 [14.27]
HEX NUT
PANEL GASKET
LOCKWASHER
BULKHEAD ADAPTER, IP68
TNC JACK TO SMA JACK
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-6 GHZ
2.4 INSULATION RESISTANCE: 1,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,000 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: TNC 500 CYCLES MIN.
3.3 CONNECTOR MEETS: CECC 22 220, MIL-PRF-39012, MIL-STD-348
3.2 PANEL THICKNESS: .197 [5.0] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
134-1001-441/450
134-1001-441/450
134-1001-441
BULKHEAD ADAPTER
TNC JACK TO MCX JACK
MCX 500 CYCLES MIN.
STANDARD
INTERFACE
MCX JACK
INTERFACE
O-RING
7/16-28 UNEF-2A
TNC JACK
CONNECTOR WATERPROOF
TO 10M FOR 4 HOURS IN
AN UNMATED CONDITION
12.95
.510
.085
2.16
3 PLCS
9.65
5.00
.197
.380
.625
15.88
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-6 GHZ
2.4 INSULATION RESISTANCE: 1,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,000 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: TNC 500 CYCLES MIN.
3.3 CONNECTOR MEETS: CECC 22 220, MIL-PRF-39012, MIL-STD-348
3.2 PANEL THICKNESS: .354 [9.0] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
134-1001-451/460
134-1001-451/460
134-1001-451
2.5 TEMPERATURE RATING: -65°C TO +165°C
BULKHEAD ADAPTER WITH HEX NUT
TNC JACK TO MCX JACK
MCX 500 CYCLES MIN.
.406
ACROSS
1 FLAT
10.3
3-WAVE
UNMATED CONDITION.
INTERFACE
MCX JACK
10M FOR 4 HOURS IN AN
JACK
TNC
INTERFACE
HEX NUT
.562 [14.3]
WASHER
CONNECTOR
WATERPROOF TO
PANEL
GASKET
7/16-28 UNEF-2A
.472
12.0
13.3
.522
.510
13.0
.625
15.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com