Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP45 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # IP45
Description  IP68 Waterproof Connectors and Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IP45 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  IP45 Datasheet HTML 1Page - Bel Fuse Inc. IP45 Datasheet HTML 2Page - Bel Fuse Inc. IP45 Datasheet HTML 3Page - Bel Fuse Inc. IP45 Datasheet HTML 4Page - Bel Fuse Inc. IP45 Datasheet HTML 5Page - Bel Fuse Inc. IP45 Datasheet HTML 6Page - Bel Fuse Inc. IP45 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
belfuse.com/cinch
© 2022 Cinch Connectivity Solutions
AquaConn
IP68 Waterproof Interconnects
Connectors
SMA Crimp Bulkhead Jack, RG174/RG316/LMR100
Part Number
Material
Impedance
Maximum Frequency
VSWR
142-0303-801
Stainless Steel Passivated 50 Ohms
DC - 18 GHz
1.20 Max
TNC Bulkhead Mount Jack, 0.085” Cable, Front Mount
Part Number
Material
Impedance
Maximum Frequency
VSWR
137-0599-411
Stainless Steel Passivated 50 Ohms
DC - 11 GHz
1.20 Max
SMA Crimp Plug, RG174/RG316/LMR100
Part Number
Material
Impedance
Maximum Frequency
VSWR
142-0403-051
Stainless Steel Passivated 50 Ohms
DC - 18 GHz
1.20 Max
SOLDER BODY
LOCKWASHER
HEX NUT
7/16-28 UNEF-2A
10M FOR 4 HOURS IN AN
UNMATED CONDITION.
MAIN BODY
CONNECTOR
WATERPROOF TO
.562 [14.3]
PANEL GASKET
.625
15.88
7.01
12.95
.276
.510
.092
I.D.
2.34
23.77
.936
10.29
.405
ACROSS
1 FLAT
1. MATERIAL AND FINISH:
1.1 BODY: STAINLESS STEEL, PASSIVATED
1.2 SOLDER BODY: STAINLESS STEEL, GOLD PLATE
1.4 INSULATOR: PTFE
1.5 GASKETS: SILICONE RUBBER
1.3 CONTACT: BERYLLIUM COPPER, GOLD PLATE
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-11 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.2 PANEL THICKNESS: .156 [4.0] MAX.
3.4 CONNECTOR MEETS: MIL-STD-348 FIG. 313-2, MIL-PRF-39012
3.3 CABLE: RG405 (.086 S/R)
TNC BULKHEAD MOUNT JACK
.086 CABLE (FRONT MOUNT)
08/16/2021
TOMMY REN
08/16/2021
137-0599-411/420
137-0599-411/420
137-0599-411
INITIAL RELEASE
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.3 INSULATOR: PTFE
1.4 GASKETS: SILICONE RUBBER
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-18 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 250 CYCLES MIN.
3.2 PANEL THICKNESS: .125 [3.2] MAX.
3.4 CONNECTOR MEETS: MIL-STD-348 FIG. 310-2, MIL-PRF-39012
3.3 CABLE: RG316 OR EQUIVALENT
SMA CRIMP BULKHEAD JACK
RG174/RG316/LMR100
08/16/2021
TOMMY REN
08/16/2021
142-0303-801/810
142-0303-801/810
142-0303-801
INITIAL RELEASE
.500 [12.7]
PANEL GASKET
AN UNMATED CONDITION.
TO 10M FOR 4 HOURS IN
HEX NUT
CRIMP FERRULE
3/8-32 UNEF-2A
LOCKWASHER
CONNECTOR WATERPROOF
.250 [6.35] HEX
2.16
.085
.290
7.37
.550
13.97
1.029
26.14
.250
6.35
3.5 FERRULE CRIMP TOOL: .128 HEX
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.4 INSULATOR: PTFE
1.5 GASKETS: SILICONE RUBBER
1.3 CABLE CONTACT: BRASS, GOLD PLATE
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-18 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 250 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 310-1, MIL-PRF-39012
3.2 CABLE: R316 OR EQUIVALENT
SMA CRIMP PLUG
RG174/RG316/LMR100, IP68
08/16/2021
TOMMY REN
08/16/2021
INITIAL RELEASE
142-0403-051/060
142-0403-051/060
142-0403-051
NOTES: 1. ADHESIVE LINED HEAT SHRINK TUBING CAN BE
APPLIED OVER FERRULE CRIMP SECTION OF
CABLE ASSEMBLY (NOT INCLUDED).
TO 10M FOR 4 HOURS IN AN
O-RING SEAL DURING
UNMATED CONDITION PER IP68
WATERPROOF
CRIMPED TO
FRONT END OF FERRULE TO BE
CONNECTOR
THE CABLE ASSEMBLY PROCESS
BACK END OF CRIMP FERRULE
TO BE SEALED TO CABLE WITH
EPOXY (RESINTECH RT125 OR
EQUIVALENT) OR SILICONE
DURING THE CABLE ASSEMBLY
PROCESS
.673
17.09
29.46
1.160
.487
12.37
.312 [7.92]
HEX
1.6 SLEEVE: BRASS, NICKEL PLATE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com