Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP45 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # IP45
Description  IP68 Waterproof Connectors and Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IP45 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  IP45 Datasheet HTML 1Page - Bel Fuse Inc. IP45 Datasheet HTML 2Page - Bel Fuse Inc. IP45 Datasheet HTML 3Page - Bel Fuse Inc. IP45 Datasheet HTML 4Page - Bel Fuse Inc. IP45 Datasheet HTML 5Page - Bel Fuse Inc. IP45 Datasheet HTML 6Page - Bel Fuse Inc. IP45 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
belfuse.com/cinch
© 2022 Cinch Connectivity Solutions
AquaConn
SMA Bulkhead Jack, Solder Pot Contact
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
142-1701-401
Brass, Nickel Plated
50 Ohms
DC - 18 GHz
1,000 VRMS
1. MATERIAL AND FINISH:
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-18 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 310-2,
3.2 PANEL THICKNESS: .093 [2.4] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
142-1701-401/410
142-1701-401/410
142-1701-401
MIL-PRF-39012
SOLDER POT CONTACT, IP68
SMA BULKHEAD JACK
HEX
HEX NUT
PANEL GASKET
UNMATED CONDITION PER IP68
TO 10M FOR 4 HOURS IN AN
1/4-36 UNS-2A
CONNECTOR WATERPROOF
.394 [10.00]
.312 [7.92]
LOCKWASHER
.690
.032
.81
8.00
I.D.
2.16
.085
7.37
.290
4.65
.183
.315
17.53
.050
1.27
1.1 BODY: STAINLESS STEEL, PASSIVATED
SMA Bulkhead Jack, Tab Contact
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
142-1701-411
Brass, Nickel Plated
50 Ohms
DC - 18 GHz
1,000 VRMS
1. MATERIAL AND FINISH:
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-18 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 310-2,
3.2 PANEL THICKNESS: .093 [2.4] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
142-1701-411/420
142-1701-411/420
142-1701-411
MIL-PRF-39012
TAB CONTACT, IP68
SMA BULKHEAD JACK
1.1 BODY: STAINLESS STEEL, PASSIVATED
1/4-36 UNS-2A
TO 10M FOR 4 HOURS IN AN
HEX
HEX NUT
UNMATED CONDITION PER IP68
PANEL GASKET
CONNECTOR WATERPROOF
.394 [10.00]
.312 [7.92]
LOCKWASHER
7.19
.283
.085
2.16
.290
7.37
.183
4.65
.658
16.71
.007
.004
X .050 [1.27]
WIDE TAB
.18
.10
90°
SMA Bulkhead Jack, Post Contact
Part Number
Material
Impedance
Maximum Frequency
VSWR
142-1701-421
Stainless Steel Passivated 50 Ohms
DC - 18 GHz
1.20 Max
1. MATERIAL AND FINISH:
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-18 GHZ
2.4 INSULATION RESISTANCE: 5,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,500 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: 500 CYCLES MIN.
3.3 CONNECTOR MEETS: MIL-STD-348 FIG. 310-2,
3.2 PANEL THICKNESS: .093 [2.4] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
142-1701-421/430
142-1701-421/430
142-1701-421
MIL-PRF-39012
POST CONTACT, IP68
SMA BULKHEAD JACK
1.1 BODY: STAINLESS STEEL, PASSIVATED
HEX
HEX NUT
PANEL GASKET
UNMATED CONDITION PER IP68
TO 10M FOR 4 HOURS IN AN
1/4-36 UNS-2A
CONNECTOR WATERPROOF
.394 [10.00]
.312 [7.92]
LOCKWASHER
.183
4.65
17.53
.690
.315
8.00
2.16
.085
7.37
.290
.050
1.27



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com