Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # BAS
Description  Battery Safety Aerosol Sensors CAN Communication Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAS Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  BAS Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS Series Battery Safety Aerosol Sensors Datasheet | sps.honeywell.com/ast |
2
BATTERY SAFETY AEROSOL SENSORS
BAS SERIES
TABLE 1. GENERAL SPECIFICATIONS1
Characteristic
Parameter
Operating temperature range
-40°C to 85°C [-40°F to 185°F]
Particulate matter measurement range
200 µg/m3 to 10000 µg/m3
Accuracy
≤±15% at threshold concentration of 5000 µg/m³
Response time
≤1 s
Current consumption (average):
ECO Mode
Continuous Working Mode
<0.5 mA
<30 mA
ECO Mode wake-up threshold
5000 µg/m3
1
All specifications are at room temperature unless otherwise noted.
TABLE 2. ELECTRICAL SPECIFICATIONS 1
Characteristic
Min.
Typ.
Max.
Unit
Supply voltage (Vs)
8
12
16
Vdc
Wake-up signal:
High level voltage
Low level voltage
Output current
8
—
0.6
12
—
1.2
16
0.5
1.8
Vdc
Vdc
mA
REQUEST Input from from BMS to BAS:
High level voltage
Over voltage capability
8
—
12
—
16
24
Vdc
Vdc
Reverse voltage capability
-14
—
—
Vdc
1
All specifications are at room temperature unless otherwise noted.
TABLE 3. COMMUNICATIONS SETTINGS
Baud Rate
ID
Period
Length
500 kbps
0x667
1 s
8 Bytes
TABLE 4. MESSAGE FORMAT
Byte
Name
Definition
BYTE0
particulate matter concentration
—
BYTE1
particulate matter concentration
—
BYTE2
Low-Power Mode wake-up threshold
—
BYTE3
Low-Power Mode wake-up threshold
—
BYTE4
0-2
status
0x00 = normal
0x01 = alarm
0x02 = reserved
3-7
fault
0x00 = normal
0x01 = photoelectric device fault
0x02 = Vs over voltage
0x03 = Vs under voltage
others = reserved
BYTE5
0-3
rolling counter
—
BYTE6
4-7
—
—
BYTE7
CRC check code
—



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com