Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # BAS
Description  Battery Safety Aerosol Sensors CAN Communication Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAS Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  BAS Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS Series Battery Safety Aerosol Sensors Datasheet | sps.honeywell.com/ast |
3
BATTERY SAFETY AEROSOL SENSORS
BAS SERIES
Figure 2. Interface Circuits
Wake-up
Request
VIN
GND
S
G
D
GND
GND
WAKEUP
0.1 uF
WAKEUP_O
10 kOhm
10 kOhm
100 kOhm
100 kOhm
10 kOhm
100 kOhm
0.1 uF
To BMS
BAS Series Sensor
51 kOhm
REQUEST IN
51 kOhm
GND
GND
1 kOhm
0.1 uF
100 kOhm
S
G
D
+5 V
BMS_R
From BMS
BAS Series Sensor
G
D
Figure 1. Operating Modes
ECO Mode
Continuous Mode
Wake-up
CAN
Request
from BMS
OFF
OFF
ON
ECO
ECOContinuous
Wake-up
Working
mode
CAN
Request
from BMS
OFF
OFF
ON
ECO
ECO
Continuous
<2 s
<15 ms to confirm
Request Pin level
<15 ms to confirm
Request Pin level
BMS finds nothing
abnormal and sets
Request Pin at low level
Determined by BMS (customer)
1 s to confirm
aerosol intensity
Working
mode
Wake-up
CAN
Request
from BMS
OFF
OFF
ON
ECO
ECOContinuous
Wake-up
Working
mode
CAN
Request
from BMS
OFF
OFF
ON
ECO
ECO
Continuous
<2 s
<15 ms to confirm
Request Pin level
<15 ms to confirm
Request Pin level
BMS finds nothing
abnormal and sets
Request Pin at low level
Determined by BMS (customer)
1 s to confirm
aerosol intensity
Working
mode
TABLE 5. WAKE-UP SIGNAL
Parameter
Min.
Typ.
Max.
Unit
High level
voltage
8
12
16
Vdc
Low level
voltage
—
—
0.5
Vdc
Output
capability
6
12
18
mA
TABLE 6. REQUEST SIGNAL
Parameter
Min.
Typ.
Max.
Unit
High level
voltage
8
12
16
Vdc
Low level
voltage
—
—
0.5
Vdc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com