Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # BAS
Description  Battery Safety Aerosol Sensors CAN Communication Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAS Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  BAS Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS
SERIES
Battery Safety Aerosol Sensors
CAN Communication Output
DESCRIPTION
The BAS Series are automotive-grade
aerosol sensors that use the principle
of light scattering to detect and report
thermal runaway events in lithium-ion
battery packs. It detects the presence
and concentration of aerosols such as
smoke, liquid and debris that are early
indicators of a thermal runaway event
in an enclosed lithium-ion battery pack.
The BAS Series measures and reports
aerosol concentration from 200 µg/m³ to
10000 µg/m³ using CAN (Controller Area
Network) communication protocol. They
have a factory-programmed, thermal
runaway warning threshold of 5000
µg/m³. These products are designed
to meet higher quality and reliability
requirements. The BAS series is RoHS
compliant.
CUSTOMIZATION
The BAS Series may be customized to
better meet application needs. Solutions
may be tailored to exact specifications
for improved time to market, lower total
system costs and enhanced reliability.
For technical assistance, we provide
global engineering and service support
for your needs.
FEATURES
• High accuracy and low temperature
drift
• CAN communication protocol
• Wake-up output and request input for
high reliability system integration
• Aerosol threshold value of
5000 µg/m³ allows early detection of
thermal runaway events
VALUE TO CUSTOMERS
• Early detection of thermal runaway has
the potential to mitigate the loss of life
and property
• The ECO mode enables continuous
system monitoring in low power mode
• Thermal runaway detection sensor
allows compliance with international
regulations and recommendations
• Solutions may be tailored to exact
specifications for improved time to
market
• Lower total system cost and enhanced
reliability
006003
Issue 1
OPERATING MODES
The sensor function in the following
operating modes:
ECO Mode: The sensor operates
in ECO Mode when the request pin
voltage is set to low. The sensor wakes
up for 200 ms and hibernates for
the remaining 12000 ms (typical) to
reduce power consumption during
each measurement cycle of 12200
ms (default value). In ECO Mode,
CAN communication is disabled.
If the sensor detects an aerosol
concentration above the set threshold,
a wake-up signal is sent to the BMS
(Battery Management System) to
initiate a full battery system check.
Continuous Mode: The sensor
operates in Continuous Mode when
the request pin voltage is set to high by
the BMS. CAN communication
is enabled in Continuous Mode. In
Continuous Mode, the sensor monitors
and outputs the aerosol concentration
to the BMS using CAN communication.
The sensor may be switched to ECO
Mode by setting the request pin
voltage to low.
NOTE: The sensor default working mode
is ECO mode.
WORKING LOGIC FUNCTIONS
Request Signal: The BMS controls
the sensor’s operating mode through
the request pin of the sensor.
Wake-up Signal: When the sensor
detects that the aerosol concentration
is above the threshold, the wake-up
pin is set to high to wake up the BMS.
TRANSPORTATION
APPLICATIONS
Battery pack systems for electric vehicles
and energy
The BAS Series joins the
Battery Monitoring Suite.
To view the entire product
portfolio, click here.


Similar Part No. - BAS

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
BAS PAIRUI-BAS Datasheet
543Kb / 4P
DC-DC Converter
logo
Isabellenhütte Heu...
BAS ISABELLENHUETTE-BAS Datasheet
520Kb / 3P
PRECISION RESISTORS
logo
Nanjing International G...
BAS-04 DGNJDZ-BAS-04 Datasheet
824Kb / 2P
Low Forward Voltage
BAS-04 DGNJDZ-BAS-04 Datasheet
93Kb / 2P
Low turn-on voltage
BAS-05 DGNJDZ-BAS-05 Datasheet
824Kb / 2P
Low Forward Voltage
More results

Similar Description - BAS

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
DCAN250 YAMAR-DCAN250 Datasheet
38Kb / 1P
CAN over Battery Power Line Communication
logo
Red Lion Controls. Inc
GMCAN REDLION-GMCAN Datasheet
385Kb / 2P
CAN Protocol Communication
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
CAN over Powerline Communication
logo
Carlo Gavazzi Holding A...
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS01 CARLOGAVAZZI-SMS01 Datasheet
191Kb / 3P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMSA2P02 CARLOGAVAZZI-SMSA2P02 Datasheet
120Kb / 2P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors Types SMSA2P02
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Honeywell Solid State E...
006004 HONEYWELL-006004 Datasheet
765Kb / 6P
Battery Safety Pressure Sensors CAN Communication Output
10/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com