Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # BAS
Description  Battery Safety Aerosol Sensors CAN Communication Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BAS Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  BAS Datasheet HTML 1Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 2Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 3Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 4Page - Honeywell Solid State Electronics Center BAS Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAS Series Battery Safety Aerosol Sensors Datasheet | sps.honeywell.com/ast |
4
BATTERY SAFETY AEROSOL SENSORS
BAS SERIES
Figure 4. Mounting Dimensions (for reference only)
2X
ø6,51 [0.26]
51
[2.01]
37
[1.46]
29,5
[1.61]
66
[2.60]
36
[1.42]
Hollow sensing
chamber
Figure 3. Nomenclature/Order Guide
B
Battery
For example,
BAS6C-X00 defines a BAS Series, battery aerosol sensor, six pins, CAN output signal, MCU1 version.
B battery
A
Type
A aerosol
S
Sensor
S
6
Number
of
Pins
C
Output
Signal
CAN
(ID 0x310)
X1
Reserved
Product
Number
MCU1 version
MCU2 version
X
H
00
Order
Code
Capital letters.
The letters “I” and
“O” are not used.
00’99
0A’0Z
C
-
6 six pins
1 The MCU1 version is a drop-in replcacement for the MCU2 version. There is no change to product fit, form or function.
The MCU options improve material supply.
TABLE 9. ORDER GUIDE
Catalog Listing
Description
BAS6C-X00
BAS Series, battery safety aerosol sensor, six pins, CAN output signal, MCU1 version
BAS6C-H00
BAS Series, battery safety aerosol sensor, six pins, CAN output signal, MCU2 version
TABLE 7. MECHANICAL SPECIFICATIONS
Parameter
Characteristic
Mounting screw
M6
Adapter connector model
175507-2
Recommended torque
10 Nm
Recomended clearance
10 cm
TABLE 8. PINOUT FOR CAN VERSIONS
Pin Number Name
1
Request
Control working mode
2
CAN_L
CAN communication low
3
CAN_H
CAN communication high
4
Wake-up
Wake-up BMS
5
GND
Negative power supply
6
Vcc
Positive power level



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com