Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5173F Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # PFS5173F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5173F Datasheet(HTML) 3 Page - Power Integrations, Inc.

  PFS5173F Datasheet HTML 1Page - Power Integrations, Inc. PFS5173F Datasheet HTML 2Page - Power Integrations, Inc. PFS5173F Datasheet HTML 3Page - Power Integrations, Inc. PFS5173F Datasheet HTML 4Page - Power Integrations, Inc. PFS5173F Datasheet HTML 5Page - Power Integrations, Inc. PFS5173F Datasheet HTML 6Page - Power Integrations, Inc. PFS5173F Datasheet HTML 7Page - Power Integrations, Inc. PFS5173F Datasheet HTML 8Page - Power Integrations, Inc. PFS5173F Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Rev. C 03/22
3
PFS5173-5178/5274
www.power.com
Pin Functional Description
VALLEY SENSING (VS) Pin (Pin 1)
This pin is used to sense voltage on the auxiliary winding of the PFC
inductor. The VS pin is connected to the auxiliary winding on a PFC
inductor through an external resistor. The voltage on the auxiliary
winding on a PFC inductor provides the controller information about
the drain voltage. The external resistor is used to limit the current
through VS pin and for fine adjustment of timing for valley switching.
SIGNAL GROUND (G) Pin (Pin 2, 13)
Discrete components used in the feedback circuit, including loop
compensation, decoupling capacitors for the BIAS POWER (VCC),
REFERENCE (REF) and VOLTAGE MONITOR (V) must be referenced to
the SIGNAL GROUND (G) pin. The SIGNAL GROUND pin is also
connected to the exposed pad of the device. The SIGNAL GROUND
pin should not be tied directly to the SOURCE pin external to the IC.
T Pin (Pin3)
Must be connected to REF pin.
VOLTAGE MONITOR (V) Pin (Pin 4)
The VOLTAGE MONITOR pin is tied to the rectified high-voltage DC
rail through a 100:1, 1% high-impedance resistor divider to minimize
power consumption in standby. The recommended resistance value is
between 8 MΩ and 16 MΩ. Changing this divider ratio affects the
input current waveform, reduces power factor and increases THD.
A small ceramic capacitor forming an 80 µs time constant must be
connected between the VOLTAGE MONITOR pin and the SIGNAL
GROUND pin to bypass any switching noise present on the rectified
DC bus. This pin also features brown-in/out detection thresholds and
incorporates a weak current source that acts as a pull-down in the
event of an open-circuit condition.
COMPENSATION (C) Pin (Pin 5)
This pin is used for loop pole/zero compensation of the OTA error
amplifier via a network of capacitors and a resistor between the
COMPENSATION pin and SIGNAL GROUND pin.
FEEDBACK (FB) Pin (Pin 6)
This pin is connected to the main voltage regulation feedback resistor
divider network and is also used for fast over and undervoltage
protection. This pin also detects the presence of the feedback
voltage divider network at start-up. The divider ratio should be the
400/3.85 to ensure that nominal PFC output voltage is 400 V.
Positioning a large upper resistor between 8 MΩ and 16 MΩ ±1% is
recommended. A small ceramic capacitor between FEEDBACK and
SIGNAL GROUND, forming a 80 µs time-constant with the bottom
resistor, is required.
POWER GOOD (PG) Pin (Pin 7)
Use of the PG function is optional for PFS517xF. The POWER GOOD
pin is an active low, open-drain connection which sinks current when
the output voltage is in regulation. At start-up, once the FEEDBACK
pin voltage has risen to ~95% of the internal reference voltage, the
POWER GOOD pin is asserted low. After start-up, the output voltage
threshold at which the PG signal becomes high-impedance and
depends on the threshold programmed by the POWER GOOD
THRESHOLD pin resistor. When not used, the POWER GOOD pin
should be left floating.
For PFS527xF this pin is used to implement the boost follower feature.
This is an active low, open-drain connection which sinks current when
the peak detected input voltage is determined to be high-line. Connect
an additional feedback resistor R
BF between BF pin and the FB pin to
change the output voltage between low-line and high-line inputs. This
feature improves efficiency particularly at low-line AC input.
POWER GOOD THRESHOLD (PGT) Pin (Pin 8)
This pin is used to program the output voltage threshold at which the
PG signal becomes high-impedance representing the PFC stage falling
out of regulation. The low threshold for the PG signal is programmed
with a resistor between the POWER GOOD THRESHOLD and SIGNAL
GROUND pins. Tying the POWER GOOD THRESHOLD to the REFERENCE
pin disables the power good function (i.e. POWER GOOD pin remains
high impedance). In boost follower mode, the PGT pin has no
function and should be connected to REFERENCE pin.
POWER SELECTION (PS) Pin (Pin 9)
This pin is used to program the output power of the HiperPFS-5. The
power is programmed with a resistor connected to the SIGNAL
GROUND pin. The power is programmed in 10% steps, between
70% to 100% of nominal power.
VPP Pin (Pin 10)
Must be connected to REF pin.
REFERENCE (R) Pin (Pin 11)
This pin is connected to an external bypass capacitor. The voltage on
this pin is nominally 5 V and is used to supply the control circuitry
inside PFS PowiGaN.
DRIVER VCC DECOUPLING (VDR) Pin (Pin 12)
This pin is connected to an external bypass capacitor. There is an
internal linear regulator which supplies the VDR pin with a regulated
voltage of (5 V nominally). This voltage is used to supply the driver
section of the PFS PowiGaN controller.
BIAS POWER (VCC) Pin (Pin 14)
This is the input for the 6.5-35 VDC bias supply used to power the IC.
The maximum operating voltage must be externally clamped to
prevent the BIAS POWER pin from exceeding 35 VDC.
X CAPACITOR DISCHARGE TERMINAL D1 (Pin 15-16)
Connected together internally to one terminal of the X capacitor.
These two pins are connected together with a bond wire inside
package. For selection of the discharge resistors follow the
recommendations in CAPZero-2 data sheet.
X CAPACITOR DISCHARGE TERMINAL D2 (Pin 18-19)
Connect one pair of pins via a series resistor to each side of the X
capacitor. These two pins are connected together internally with a
bond wire inside package. To select the values for the discharge
resistors follow the recommendations in the CAPZero-2 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com