Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5173F Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # PFS5173F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5173F Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button PFS5173F Datasheet HTML 9Page - Power Integrations, Inc. PFS5173F Datasheet HTML 10Page - Power Integrations, Inc. PFS5173F Datasheet HTML 11Page - Power Integrations, Inc. PFS5173F Datasheet HTML 12Page - Power Integrations, Inc. PFS5173F Datasheet HTML 13Page - Power Integrations, Inc. PFS5173F Datasheet HTML 14Page - Power Integrations, Inc. PFS5173F Datasheet HTML 15Page - Power Integrations, Inc. PFS5173F Datasheet HTML 16Page - Power Integrations, Inc. PFS5173F Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Rev. C 03/22
13
PFS5173-5178/5274
www.power.com
Absolute Maximum Ratings1,2
DRAIN Pin Voltage (non-repetitive pulse) .................. -0.3 V to 750 V6
DRAIN Pin Voltage (continuous) ...............................-0.3 V to 6503 V
DRAIN Pin Peak Current: PFS5x73F .........................................6.5 A7
PFS5x74F .......................................10.0 A7
PFS5x75F ...................................... 14.0 A7
PFS5x76F ...................................... 17.0 A7
PFS5x77F ......................................24.0 A7
PFS5x78F ......................................33.0 A7
VCC ...........................................................................-0.3 V to 35 V
V
S, V, FB, PG, PGT, PS, REF, VDR, D1, D2,.................... -0.3 V to 5.6 V
D1/D2 Pin Voltage7................................................................ 1000 V
D1/D2 Pin Current8...................................................................5 mA
Storage Temperature ...................................................-65 to 150 °C
Operating Junction Temperature4................................. -40 to 150 °C
Ambient Temperature...................................................-40 to 105 °C
Lead Temperature5................................................................ 260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C
2. Maximum ratings specified may be applied one at a time without
causing permanent damage to the product. Exposure to Absolute
Maximum Ratings conditions for extended periods of time may
affect product reliability.
3. Self-supply not active.
4. Normally limited by internal circuitry.
5. 1/16” from case for 5 seconds.
6. Non-repetitive pulse.
7. Voltage of D1 pin relative to D2 pin in either polarity.
8. The peak current is allowed while the D1/D2 voltage is simultane-
ously less than 400 V.
Thermal Resistance
Thermal Resistance: PFS5x73F
(q
JA) .................................. 61 °C/W
1
, 53 °C/W2
(q
JC)....................................................7 °C/W
3
PFS5x78F
(q
JA) ...................................51 °C/W
1
, 43 °C/W2
(q
JC)................................................. 1.1 °C/W
3
Notes:
1. Soldered to 0.36 sq. inch (232 mm2) 2 oz. (610 g/m2) copper clad.
2. Soldered to 1 sq. inch (645 mm2), 2 oz. (610 g/m2) copper clad.
3. The case temperature is measured at the bottom of the package
body on the exposed pad.
Parameter
Symbol
Conditions
SOURCE = 0 V,
T
J = -40 to +125 °C
(See Note C)
Pin
Min
Typ
Max
Units
Currents
Current Consumption –
In Burst Mode
No Switching
I
CC(BURST)
VCC = 12 V, FB = 3.85 V, C < V
ERR_MIN
0 °C < T
J < 100 °C
V = 1.414 V
VCC
720
µ
A
Leakage Current in
UVLO State
I
oz
0 °C < Pin Voltage < REF
T
J = 25 °C
V
DR < VDRUV+
V, FB, C,
PGT
±10
nA
V
PG = REF
T
J = 25 °C
VPG = V
PG
±0.1
µ
A
Pull-Down Current on
Feedback
I
FB(PD)
0 °C < T
J < 100 °C
VFB = 5 V
FB
100
150
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com