Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5173F Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # PFS5173F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5173F Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button PFS5173F Datasheet HTML 5Page - Power Integrations, Inc. PFS5173F Datasheet HTML 6Page - Power Integrations, Inc. PFS5173F Datasheet HTML 7Page - Power Integrations, Inc. PFS5173F Datasheet HTML 8Page - Power Integrations, Inc. PFS5173F Datasheet HTML 9Page - Power Integrations, Inc. PFS5173F Datasheet HTML 10Page - Power Integrations, Inc. PFS5173F Datasheet HTML 11Page - Power Integrations, Inc. PFS5173F Datasheet HTML 12Page - Power Integrations, Inc. PFS5173F Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Rev. C 03/22
9
PFS5173-5178/5274
www.power.com
The Power Good function is not valid under the following conditions:
A. VCC or VDR are not in a valid range of operation. VCC below
UVLO- or VDR below VDR
UV- the power good function is not valid
with the POWER GOOD pin in a high-impedance state.
B. Power Good will go to high-impedance state when a soft shutdown
is initiated by an over-temperature fault to provide early indication
to secondary circuits of an OT (over-temperature) fault.
C. PGT is outside the valid programming range of between 225 V and
360 V. PGT voltages above this range, including PGT floating, will
prevent PG from transitioning to active pull-down. PGT voltages
below this range result in PG de-assertion at the output under-
voltage (V
FB(UV)) threshold.
D. Once the start-up sequence check has passed and the converter
goes into start-up, if PGT is opened, then the PG signal will remain
latched in the high-impedance state until the controller is reset.
Output Voltage
Rising
Output Voltage
Falling
tPGD
tPGD
tPG
PG = High Impedance
PG = High Impedance
PG = On-State
Set internally
by VPG+
95% VO (365 V)
100% VO (385 V)
87.5% VO (337 V)
Set externally
by RPGT
..
.
R
IA
V
k
0875 385
10
337
337
PG
PG
×
µ
Ω
=
=
=
PI-7229a-030922
Boost-Follower For PFS527xF
The HiperPFS-5 IC’s feature a Boost Follower (BF) circuit which
controls the output voltage as a function of input voltage. This
feature improves efficiency at low-line by reducing the target output
voltage. When the input peak voltage indicates low-line, the PG/BF
pin is in a high impedance state (internal switch is in off-state). When
the input peak voltage is sensed to be in high-line, the PG/BF pin is
turned on (low impedance) state (internal switch is switched to
ground). The low-line and high-line hysteresis is set at 140 VAC and
170 VAC.
As shown in Figure 11, at high-line input, the output voltage is equal
to:
VV
R//R
RR //R
OFB
BF
DWN
UPPBFDWN
#
=
+
dn
and at low-line input, the output voltage is equal to:
VV
R
RR
OFB
DWN
UPPDWN
#
=
+
cm
Figure 10. Power Good Function Description.
Figure 11. Boost Follower Low-Line and High-Line operation vs. Input Voltage.
PI-7255a-031022
~170 VAC
V
IN
~140 VAC
Low-
Line
High-
Line
+
PI-9302d-031122
AC
IN
X Capacitor
RBF
RUPP
RDWN
DC
OUT
REF
FB
PS PGT
VS
V
XD1
XD2
S
D
VCC
PG
G
C
CONTROL
HiperPFS-5
VDR
Figure 12. System Schematic with a Line Dependent V
OUT (Boost Follower).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com