Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5173F Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # PFS5173F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5173F Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button PFS5173F Datasheet HTML 4Page - Power Integrations, Inc. PFS5173F Datasheet HTML 5Page - Power Integrations, Inc. PFS5173F Datasheet HTML 6Page - Power Integrations, Inc. PFS5173F Datasheet HTML 7Page - Power Integrations, Inc. PFS5173F Datasheet HTML 8Page - Power Integrations, Inc. PFS5173F Datasheet HTML 9Page - Power Integrations, Inc. PFS5173F Datasheet HTML 10Page - Power Integrations, Inc. PFS5173F Datasheet HTML 11Page - Power Integrations, Inc. PFS5173F Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Rev. C 03/22
8
PFS5173-5178/5274
www.power.com
EcoSmart (Frequency Sliding and Spread-
Spectrum Switching)
The HiperPFS-5 IC’s include an EcoSmart function whereby the
internal error signal (V
ERR) is used to detect the converter output
power. This is used to set the average switching frequency as a
function of output power.
As shown in the Figure 9 below, the off-time integrator control
reference (V
OFF) is set by the internal error-voltage level (output
power) to allow the converter to maintain output voltage regulation
and flat conversion efficiency from 20% to 100% of rated load, which
is essential to meet many efficiency directives. The degree of frequency
slide is also controlled which is a function of input line voltage. The
lower V
OFF slope as a function of input voltage reduces the average
frequency range for high input line operation. Using this approach,
the HiperPFS-5 IC enables the use of a smaller PFC inductor, while
still keeping the switching frequency below 150 kHz across line and
load to minimize the burden on EMI components.
VA
VIN < 140 VAC
3.05 V
(Full Power)
VIN > 170 VAC
3.05 V 5.2 V
140 VAC
170 VAC
VA
VB
VB
VERR
VIN
PI-7228b-031422
Figure 9. EcoSmart Frequency Sliding V
OFF vs. VERR and VOFF(MAX) vs. Input Voltage.
Power Good Signal For PFS517xF
The HiperPFS-5 features a power good (PG) circuit which comprises
an internal comparator that turns an open-drain switch on during
start-up when the sensed output voltage on the FEEDBACK pin rises
to ~95% (V
PG+) of the output voltage threshold. During start-up,
prior to the output voltage reaching V
PG+, the PG signal is in a
high-impedance state (internal switch is in off-state).
The power good signal transitions from on to off-state when the
sensed output voltage on the FEEDBACK pin falls to a user selected
threshold, programmed via resistor on the POWER GOOD
THRESHOLD (PGT) pin. The POWER GOOD THRESHOLD pin sources
a fixed current I
PGT. This current in combination with the power good
threshold resistor sets the threshold at which the power good signal
transitions from the on-state to the high-impedance off-state as the
PFC output falls out of regulation.
The power good comparator has an internal 81 µs de-glitch filter
(t
PGD) to prevent noise events from falsely triggering the programmed
VPG-threshold.
In the event a load fault prevents the boost from achieving regulation
(above ~95% of the set output voltage threshold) the PG function will
remain in the high-impedance state and so will not indicate when an
output voltage has fallen below the user programmed V
PG- threshold.
The V
PG- user programmed threshold is only enabled once the VPG+
threshold has been reached.
If the POWER GOOD THRESHOLD programming pin is tied to
REFERENCE pin, the power good function is disabled and PG remains
in the high-impedance (off) state. This is the preferred configuration
when PG is not used. If the POWER GOOD THRESHOLD pin is shorted
to the SIGNAL GROUND pin, the PG signal will transition to the
on-state at V
PG+ and remain low (on) until the PFC output voltage has
fallen below the V
FB(UV) threshold for greater than tFB(UV) seconds.
Similar to the disable condition described above, if the value of the
PGT resistor is such that the V
PG- threshold is greater than the VPG+
threshold, the PG signal will latch off and remain in the high-
impedance off-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com