Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040B Datasheet(PDF) 68 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 68 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 64Page - Microchip Technology SST26WF040B Datasheet HTML 65Page - Microchip Technology SST26WF040B Datasheet HTML 66Page - Microchip Technology SST26WF040B Datasheet HTML 67Page - Microchip Technology SST26WF040B Datasheet HTML 68Page - Microchip Technology SST26WF040B Datasheet HTML 69Page - Microchip Technology SST26WF040B Datasheet HTML 70Page - Microchip Technology SST26WF040B Datasheet HTML 71Page - Microchip Technology SST26WF040B Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 68
 2014-2017 Microchip Technology Inc.
65H
A14:A8
A9H
Exit Deep Power-down to next operation delay –10 µs
Delay = (count +1)*unit
A12:A8 = count = 9 = 01001b
A14:A13 units = 01b = 1µs
A15
Exit Power-down Instruction– ABH = 10101011b
A15=1b
66H
A22:A16
D5H
A22:A16=1010101b
A23
Enter Power-down instruction – B9H = 10111001b
A23 = 1b
67H
A30:A24
5CH
A30:A24 = 1011100
A31
Deep Power-down Supported
0:supported
1:not supported
JEDEC Flash Parameter Table: 15th DWORD
68H
A3:A0
29H
4-4-4 mode disable sequences
Xxx1b: issue FF instruction
1xxxb: issue the Soft Reset 66/99 sequence.
A7:A4
4-4-4 mode enable sequences
X_xx1xb: issue instruction 38h
69H
A8
C2H
4-4-4 mode enable sequences
A8 = 0
A9
0-4-4 mode supported
0:not supported
1:supported
A15:A10
0-4-4 Mode Exit Method
X1_xxxx:Mode Bit[7:0] Not= AXh
1x_xxxx Reserved = 1
6AH
A19:A16
5CH
0-4-4 Mode Entry Method
X1xxb: M[7:0]=AXh
1xxxb:Reserved =1
A22:A20
Quad Enable Requirements (QER)
101b: Quad Enable is bit 1 of the configuration register.
A23
HOLD and Reset Disable
0:feature is not supported
6BH
A31:A24
FFH
Reserved bits = 0xFF
JEDEC Flash Parameter Table: 16th DWORD
6C
A6:A0
F0H
Volatile or Non-Volatile Register and Write Enable Instructions for
Status Register 1
Xx1_xxxxb:Status Register 1 contains a mix of volatile and non-volatile
bits. The 06h instruction is used to enable writing to the register.
X1x_xxxxb: Reserved = 1
1xx_xxxxb: Reserved = 1
A7
Reserved =1b
6D
A13:A8
30H
Soft Reset and Rescue Sequence Support
X1_xxxxb: reset enable instruction 66h is issued followed by reset
instruction 99h.
1x_xxxxb: exit 0-4-4 mode is required prior to other reset sequences.
A15:A14
Exit 4-Byte Addressing
Not supported
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (9 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com