Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040B Datasheet(PDF) 72 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 72 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 68Page - Microchip Technology SST26WF040B Datasheet HTML 69Page - Microchip Technology SST26WF040B Datasheet HTML 70Page - Microchip Technology SST26WF040B Datasheet HTML 71Page - Microchip Technology SST26WF040B Datasheet HTML 72Page - Microchip Technology SST26WF040B Datasheet HTML 73Page - Microchip Technology SST26WF040B Datasheet HTML 74Page - Microchip Technology SST26WF040B Datasheet HTML 75Page - Microchip Technology SST26WF040B Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 72
 2014-2017 Microchip Technology Inc.
213H
A31:A24
0FH
Max time out for Page-Program: 1.5ms.
Typical time out for Page Program in xxH * (0.1ms) ms
214H
A7:A0
19H
Max. time out for Sector Erase/Block Erase: 25ms.
Max time out for Sector/Block Erase in ms
215H
A15:A8
32H
Max. time out for Chip Erase: 50ms.
Max time out for Chip Erase in ms.
216H
A23:A16
0FH
Max. time out for Program Security ID: 1.5 ms
Max time out for Program Security ID in xxH*(0.1ms) ms
217H
A31:A24
19H
Max. time for Write-Protection Enable Latency: 25 ms
Max time out for ms. Represented by conversion of the actual time from the dec-
imal to hexadecimal number.
218H
A23:A16
19H
Max. time Write-Suspend Latency: 25 µs
Max time out for Write-Suspend Latency is in µs. Represented by conversion of
the actual time from the decimal to hexadecimal number.)
219H
A31:A24
03H
Max. time to Deep Power-Down: 3 µs
3 µs = 03H
21AH
A23:A16
0AH
Max. time out from Deep Power-Down mode to Standby mode: 10 µs.
10 µs = 0AH
21BH
A31:A24
FFH
Reserved. Bits default to all 1’s.
21CH
A23:A16
FFH
Reserved. Bits default to all 1’s.
21DH
A31:A24
FFH
Reserved. Bits default to all 1’s.
21EH
A23:A16
FFH
Reserved. Bits default to all 1’s.
21FH
A31:A24
FFH
Reserved. Bits default to all 1’s.
Supported Instructions
220H
A7:A0
00H
No Operation
221H
A15:A8
66H
Reset Enable
222H
A23:A16
99H
Reset Memory
223H
A31:A24
38H
Enable Quad I/O
224H
A7:A0
FFH
Reset Quad I/O
225H
A15:A8
05H
Read Status Register
226H
A23:A16
01H
Write Status Register
227H
A31:A24
35H
Read Configuration Register
228H
A7:A0
06H
Write Enable
229H
A15:A8
04H
Write Disable
22AH
A23:A16
02H
Byte Program or Page Program
22BH
A31:A24
32H
SPI Quad Page Program
22CH
A7:A0
B0H
Suspends Program/Erase
22DH
A15:A8
30H
Resumes Program/Erase
22EH
A23:A16
72H
Read Block-Protection register
22FH
A31:A24
42H
Write Block Protection Register
230H
A7:A0
8DH
Lock Down Block Protection Register
231H
A15:A8
E8H
Non-Volatile Write-Lock Down Register
232H
A23:A16
98H
Global Block Protection Unlock
233H
A31:A24
88H
Read Security ID
234H
A7:A0
A5H
Program User Security ID Area
235H
A15:A8
85H
Lockout Security ID Programming
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (13 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com