Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040B Datasheet(PDF) 76 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 76 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 72Page - Microchip Technology SST26WF040B Datasheet HTML 73Page - Microchip Technology SST26WF040B Datasheet HTML 74Page - Microchip Technology SST26WF040B Datasheet HTML 75Page - Microchip Technology SST26WF040B Datasheet HTML 76Page - Microchip Technology SST26WF040B Datasheet HTML 77Page - Microchip Technology SST26WF040B Datasheet HTML 78Page - Microchip Technology SST26WF040B Datasheet HTML 79Page - Microchip Technology SST26WF040B Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 76
 2014-2017 Microchip Technology Inc.
TABLE 11-2:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF080B/080BA
(1 OF 16)
Address
Bit Address
Data
Comments
SFDP Header
SFDP Header: 1st DWORD
00H
A7:A0
53H
SFDP Signature
SFDP Signature=50444653H
01H
A15:A8
46H
02H
A23:A16
44H
03H
A31:A24
50H
SFDP Header: 2nd DWORD
04H
A7:A0
06H
SFDP Minor Revision Number
05H
A15:A8
01H
SFDP Major Revision Number
06H
A23:A16
02H
Number of Parameter Headers (NPH)=3
07H
A31:A24
FFH
Unused. Contains FF and can not be changed.
Parameter Headers
JEDEC Flash Parameter Header: 1st DWORD
08H
A7:A0
00H
Parameter ID Least Significant Bit (LSB) Number.
When this field is set to 00H, it indicates a JEDEC-specified header. For
vendor-specified headers, this field must be set to the vendor’s manu-
facturer ID.
09H
A15:A8
06H
Parameter Table Minor Revision Number
Minor revisions are either clarifications or changes that add parameters
in existing Reserved locations. Minor revisions do NOT change overall
structure of SFDP. Minor Revision starts at 00H.
0AH
A23:A16
01H
Parameter Table Major Revision Number
Major revisions are changes that reorganize or add parameters to loca-
tions that are NOT currently Reserved. Major revisions would require
code (BIOS/firmware) or hardware change to get previously defined
discoverable parameters. Major Revision starts at 01H
0BH
A31:A24
10H
Parameter Table Length
Number of DWORDs that are in the Parameter table
JEDEC Flash Parameter Header: 2nd DWORD
0CH
A7:A0
30H
Parameter Table Pointer (PTP)
A 24-bit address that specifies the start of this header’s Parameter
table in the SFDP structure. The address must be DWORD-aligned.
0DH
A15:A8
00H
0EH
A23:A16
00H
0FH
A31:A24
FFH
Parameter ID Most Significant Bit (MSB) Number
JEDEC Flash Parameter Header: 3rd DWORD
10H
A7:A0
81H
Parameter ID LSB Number
Sector map, function-specific table is assigned 81H
11H
A15:A8
00H
Parameter Table Minor Revision Number
Minor revisions are either clarifications or changes that add parameters
in existing Reserved locations. Minor revisions do NOT change overall
structure of SFDP. Minor Revision starts at 00H.
12H
A23:A16
01H
Parameter Table Major Revision Number
Major revisions are changes that reorganize or add parameters to loca-
tions that are NOT currently Reserved. Major revisions would require
code (BIOS/firmware) or hardware change to get previously defined
discoverable parameters. Major Revision starts at 01H
13H
A31:A24
06H
Parameter Table Length
Number of DWORDs that are in the Parameter table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com