Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040B Datasheet(PDF) 71 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 71 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 67Page - Microchip Technology SST26WF040B Datasheet HTML 68Page - Microchip Technology SST26WF040B Datasheet HTML 69Page - Microchip Technology SST26WF040B Datasheet HTML 70Page - Microchip Technology SST26WF040B Datasheet HTML 71Page - Microchip Technology SST26WF040B Datasheet HTML 72Page - Microchip Technology SST26WF040B Datasheet HTML 73Page - Microchip Technology SST26WF040B Datasheet HTML 74Page - Microchip Technology SST26WF040B Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 71
SST26WF040B/040BA SST26WF080B/080BA
205H
A8
DFH
Supports Quad Reset
0:
not supported
1:
supported
A10:A9
Reserved. Bits default to all 1’s
A13:A11
Byte-Program or Page-Program (256 Bytes)
011: Byte Program/Page Program in SPI and Quad Page Program
once Quad is enabled
A14
Program-Erase Suspend Supported
0:
Not Supported
1:
Program/Erase Suspend Supported
A15
Deep Power-Down Mode Supported
0:
Not Supported
1:
Deep Power-Down Mode Supported
206H
A16
FDH
OTP Capable (Security ID) Supported
0:
not supported
1:
supported
A17
Supports Block Group Protect
0:
not supported
1:
supported
A18
Supports Independent Block Protect
0:
not supported
1:
supported
A19
Supports Independent non Volatile Lock (Block or Sector
becomes OTP)
0:
not supported
1:
supported
A23:A20
Reserved. Bits default to all 1’s.
207H
A31:A24
FFH
Reserved. Bits default to all 1’s.
208H
A7:A0
65H
VDD Minimum Supply Voltage
1.65V (F165H)
209H
A15:A8
F1H
20AH
A23:A16
95H
VDD Maximum Supply Voltage
1.95V (F195H)
20BH
A31:A24
F1H
20CH
A7:A0
32H
Typical time out for Byte-Program: 50 µs
Typical time out for Byte Program is in µs. Represented by conversion
of the actual time from the decimal to hexadecimal number.
20DH
A15:A8
FFH
Reserved. Bits default to all 1’s.
20EH
A23:A16
0AH
Typical time out for page program: 1.0ms (xxH*(0.1ms))
20FH
A31:A24
12H
Typical time out for Sector-Erase/Block-Erase: 18 ms
Typical time out for Sector/Block-Erase is in ms. Represented by conver-
sion of the actual time from the decimal to hexadecimal number.
210H
A7:A0
23H
Typical time out for Chip-Erase: 35 ms
Typical time out for Chip-Erase is in ms. Represented by conversion of
the actual time from the decimal to hexadecimal number.
211H
A15:A8
46H
Max. time out for Byte-Program: 70 µs
Typical time out for Byte Program is in µs. Represented by conversion
of the actual time from the decimal to hexadecimal number.
212H
A23:A16
FFH
Reserved. Bits default to all 1’s.
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (12 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com