Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BT-104I/CS Datasheet(PDF) 23 Page - Microchip Technology

Part # SST26WF040BT-104I/CS
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BT-104I/CS Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST26WF040BT-104I/CS Datasheet HTML 19Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 20Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 21Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 22Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 23Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 24Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 25Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 26Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 23
SST26WF040B/040BA SST26WF080B/080BA
FIGURE 5-14:
SPI DUAL I/O READ SEQUENCE
FIGURE 5-15:
BACK-TO-BACK SPI DUAL I/O READ SEQUENCES WHEN M[7:0] = AXH
7 5 3 1 7 5 3 1
7 5 3 1 7 5
6 4 2 0
CE#
SIO0
SCK
012345678
16 17
12
MODE 3
MODE 0
91011
20005283 F53.1
SIO1
A[23:16]
15
13 14
23
19
18
22
20 21
6 4 2 0
6 4 2 0 6 4
A[15:8]
A[7:0]
M[7:0]
7 5 3 1 7 5 3 1
7 5 3 1 7 5
4
2 0
CE#(cont’)
SIO0(cont’)
SCK(cont’)
23 24
32 33
28
25 26 27
SIO1(cont’)
Byte 0
31
29 30
39
35
34
38
36 37
6 4 2 0
6 4 2 0 6 4
Byte 1
Byte 2
Byte 3
2 0 6
3 1 7
MSB
MSB
MSB
6
MSB
I/O Switches from Input to Output
BBH
Note: MSN=
7 5 3 1 7 5 3 1
7 5 3 1 7 5
MODE 3
MODE 0
6 4 2 0
CE#
SIO0
SCK
0
8 9
4
12
3
20005283 F54.1
SIO1
A[23:16]
7
56
15
11
10
14
12 13
6 4 2 0
6 4 2 0 6 4
A[15:8]
A[7:0]
M[7:0]
7 5 3 1 7 5 3 1
7 5 3 1 7 5
4
2 0
CE#(cont’)
SIO0(cont’)
SCK(cont’)
15 16
24 25
20
17 18 19
SIO1(cont’)
Byte 0
23
21 22
31
27
26
30
28 29
6 4 2 0
6 4 2 0 6 4
Byte 1
Byte 2
Byte 3
2 0 6
3 1 7
MSB
MSB
MSB
6
MSB
7 5
7 5 3 1
4
6 4 2 0
MSB
6
MSB
I/O Switches from Input to Output
I/O Switch
Note: MSN= Most



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com