Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BT-104I/CS Datasheet(PDF) 24 Page - Microchip Technology

Part # SST26WF040BT-104I/CS
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BT-104I/CS Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST26WF040BT-104I/CS Datasheet HTML 20Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 21Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 22Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 23Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 24Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 25Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 26Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 27Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 24
 2014-2017 Microchip Technology Inc.
5.14
JEDEC-ID Read (SPI Protocol)
Using traditional SPI protocol, the JEDEC-ID Read
instruction identifies the device as SST26WF040B/
040BA and SST26WF080B/080BA and the manufac-
turer as Microchip. To execute a JECEC-ID operation
the host drives CE# low then sends the JEDEC-ID
command cycle (9FH).
Immediately
following
the
command
cycle,
SST26WF040B/040BA and SST26WF080B/080BA
outputs data on the falling edge of the SCK signal. The
data output stream is continuous until terminated by a
low-to-high transition on CE#. The device outputs three
bytes of data: manufacturer, device type, and device
ID, see Table 5-4. See Figure 5-16 for instruction
sequence.
FIGURE 5-16:
JEDEC-ID SEQUENCE (SPI MODE)
5.15
Read Quad J-ID Read (SQI
Protocol)
The Read Quad J-ID Read instruction identifies the
device as SST26WF040B/040BA and SST26WF080B/
080BA and manufacturer as Microchip. To execute a
Quad J-ID operation the host drives CE# low and then
sends the Quad J-ID command cycle (AFH). Each
cycle is two nibbles (clocks) long, most significant nib-
ble first.
Immediately following the command cycle, and one
dummy
cycle,
SST26WF040B/040BA
and
SST26WF080B/080BA outputs data on the falling edge
of the SCK signal. The data output stream is continu-
ous until terminated by a low-to-high transition of CE#.
The device outputs three bytes of data: manufacturer,
device type, and device ID, see Table 5-4. See Figure
5-17 for instruction sequence.
FIGURE 5-17:
QUAD J-ID READ SEQUENCE
TABLE 5-4:
DEVICE ID DATA OUTPUT
Product
Manufacturer ID (Byte 1)
Device ID
Device Type (Byte 2)
Device ID (Byte 3)
SST26WF040B and
SST26WF080B
BFH
26H
58H (SST26WF080B)
54H (SST26WF040B)
26
Device ID
20005283 F38.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
BFH
Device ID
Dummy
BFH
MSN
LSN
26H
26H
N
20005283 F55.0
01
2
SCK
SIO(3:0)
CE#
C1
C0
X
X
H0
L0
H1
L1
H0
L1
H1
L0
HN
LN
78
11
10
913
12
N
MODE 3
MODE 0
34
5
6
H2
L2
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com