Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BT-104I/CS Datasheet(PDF) 41 Page - Microchip Technology

Part # SST26WF040BT-104I/CS
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BT-104I/CS Datasheet(HTML) 41 Page - Microchip Technology

Back Button SST26WF040BT-104I/CS Datasheet HTML 37Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 38Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 39Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 40Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 41Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 42Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 43Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 44Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 41
SST26WF040B/040BA SST26WF080B/080BA
5.39
Release from Deep Power-Down
and Read ID
Release from Deep Power-Down (RDPD) and Read ID
instruction exits Deep Power-down mode. To exit Deep
Power down mode, execute the RDPD. During this
command, the host drives CE# low, then sends the
Deep Power-Down command cycle (ABH), and then
drives CE# high. The device will return to Standby
mode and be ready for the next instruction after TSBR.
To execute RDPD and read the Device ID, the host
drives CE# low then sends the Deep Power-Down
command cycle (ABH), three dummy clock cycles, and
then drives CE# high. The device outputs the Device ID
on the falling edge of the SCK signal following the
dummy cycles. The data output stream is continuous
until terminated by a low-to-high transition on CE, and
will return to Standby mode and be ready for the next
instruction after TSBR. See Figures 5-48 and 5-49 for
the command sequence.
FIGURE 5-48:
RELEASE FROM DEEP POWER-DOWN (RDPD) AND READ ID SEQUENCE (SQI)
FIGURE 5-49:
RELEASE FROM DEEP POWER-DOWN (RDPD) AND READ ID SEQUENCE (SPI)
20005283 F102.0
MODE 3
0
SCK
SIO[3:0]
CE#
C1
C0
MODE 0
1
X
X
D1 D0
XX
XX
TSBR
Standby Mode
Deep Power-Down Mode
Op Code
MSN
LSN
Device ID
Note: C[1:0]=A
BH
20005283 F103.0
MODE 3
0
SCK
SIO[3:0]
CE#
MODE 0
TSBR
Standby Mode
Deep Power-Down Mode
Op Code
Device ID
15 16
23 24
32 33
40
1
2
3
4
5
6
7
8
AB
XX
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com