Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BT-104I/CS Datasheet(PDF) 58 Page - Microchip Technology

Part # SST26WF040BT-104I/CS
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BT-104I/CS Datasheet(HTML) 58 Page - Microchip Technology

Back Button SST26WF040BT-104I/CS Datasheet HTML 54Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 55Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 56Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 57Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 58Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 59Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 60Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 61Page - Microchip Technology SST26WF040BT-104I/CS Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 58
 2014-2017 Microchip Technology Inc.
10.0 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device
SST26WF040B
= 4 Mbit, 1.65-1.95V, SQI Flash Memory
WP#/Hold# pin Enable at power-up
SST26WF040BA = 4 Mbit, 1.65-1.95V, SQI Flash Memory
WP#/Hold# pin Disable at power-up
SST26WF080B
= 8 Mbit, 1.65-1.95V, SQI Flash Memory
WP#/Hold# pin Enable at power-up
SST26WF080BA = 8 Mbit, 1.65-1.95V, SQI Flash Memory
WP#/Hold# pin Disable at power-up
Tape and
Reel Flag:
T
= Tape and Reel
Operating
Frequency:
104
= 104 MHz
Temperature:
I
= -40°C to +85°C
Package:
MF
= WDFN (6mm x 5mm Body), 8-contact
SN
= SOIC (150 mil Body), 8-contact
NP
= USON (2x3mm), 8-contact
CS
= Z-Scale (Chip Scale Package) 8-ball
Valid Combinations:
SST26WF040B-104I/MF
SST26WF040BT-104I/MF
SST26WF040BA-104I/MF
SST26WF040BAT-104I/MF
SST26WF040B-104I/SN
SST26WF040BT-104I/SN
SST26WF040BA-104I/SN
SST26WF040BAT-104I/SN
SST26WF040B-104I/NP
SST26WF040BT-104I/NP
SST26WF040BA-104I/NP
SST26WF040BAT-104I/NP
SST26WF040BT-104I/CS
SST26WF040BAT-104I/CS
SST26WF080B-104I/MF
SST26WF080BT-104I/MF
SST26WF080BA-104I/MF
SST26WF080BAT-104I/MF
SST26WF080B-104I/SN
SST26WF080BT-104I/SN
SST26WF080BA-104I/SN
SST26WF080BAT-104I/SN
SST26WF080B-104I/NP
SST26WF080BT-104I/NP
SST26WF080BA-104I/NP
SST26WF080BAT-104I/NP
SST26WF080BT-104I/CS
SST26WF080BAT-104I/CS
PART NO.
XXX
X
Temperature
Device
X
Tape/Reel
Indicator
XX
Package
/
Operating
Frequency
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com