Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPS861M250EB0C Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # MLPS861M250EB0C
Description  Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLPS861M250EB0C Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  MLPS861M250EB0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 7Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 8Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Heatsink Cooled
Temperature rise from the internal hottest spot, the core, to heatsink is ∆T
= 0.44 (ESR)(θ
CHS+ θHS)*(Freq Multiplier), recommended max ΔT of 0.44ºC
where θ
CHS is the thermal resistance from core to heatsink and θHS from
case to heatsink.
Example
As an illustration, suppose you operate an insulated MLPS682M063EB1C
in 65 ºC air and attach it to a commercial heatsink with a free-air thermal
resistance of 1.0 ºC/W for one side. Using a good thermal grease between
the MLPS and the heatsink, and the total thermal resistance is 1.0 + 2.26
or 3.26 ºC/W. The power which would heat the core to 105 °C is (105 -
65)/3.26 or 12.27 W. For an ESR of 52 mΩ @ 120Hz, 12.27 W equates to a
ripple current of 15.36A @ 120Hz. In addition, the user should ensure that
the peak-to-peak capacitor voltage divided by the capacitor’s rated volt-
age VR should not exceed the greater of 10% or 0.01352 × (VDC Rated /
1[VDC])1/2. Therefore the Vpp limit for this item reduces the suggested max
ripple current to 12.25 Arms.
Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
Part Numbering System
HV
HR
MLPS/MLPSR
100
M
200
JK
0
A
Optional Optional
Type
Capacitance Tolerance Rated Voltage
Case Code
Insulation
Mounting Style
High
Vibration*
High
Reliability
MLPS: C>3% lead
plating on wire leads
MLPSR: Lead free
plating on wire leads
100 =10 µF
101 = 100 µF
272 = 2700 µF
M=±20% 200 = 200 Vdc
See chart
below
0 = bare
1 = polyester
A - Straight leads
with mounting tabs
B - 4 leads no
mounting tabs
C - Straight leads
with no mounting
tabs
D - Hook leads with
mounting tabs
E - Hook leads with
no mounting tabs
* May not be
available for all sizes,
consult Factory
Case Code
"W"
"H"
"L"
"S"
EK
1.81
0.60
1.50
1.00
EA
1.81
0.60
2.00
1.00
EH
1.81
0.60
2.50
1.00
EB
1.81
0.60
3.00
1.00
Outline Drawing
Note: The polyester tape wrap may add up to 0.020 inches to the thickness and width of the capacitor.
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com