Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPS861M250EB0C Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # MLPS861M250EB0C
Description  Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLPS861M250EB0C Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

Back Button MLPS861M250EB0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 7Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 8Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 9Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
Voltage
Vdc
Cap
µF
P/N
120Hz
25°C mΩ
ESR Max
20KHz
25°C mΩ
ESR Max
105°C
Arms
120Hz
105°C
Arms
20KHz
Case
Surge
Vdc
H
(in)
W
(in)
L
(in)
150
890
MLPS891M150EA0C
202
127
0.94
1.47
0.60
1.81
2.00
180
150
1200
MLPS122M150EH0C
150
94
1.17
1.84
0.60
1.81
2.50
180
150
1500
MLPS152M150EB0C
120
75
1.40
2.20
0.60
1.81
3.00
180
200
430
MLPS431M200EK0C
325
204
0.66
1.04
0.60
1.81
1.50
250
200
690
MLPS691M200EA0C
204
128
0.93
1.47
0.60
1.81
2.00
250
200
870
MLPS871M200EH0C
165
103
1.12
1.76
0.60
1.81
2.50
250
200
1100
MLPS112M200EB0C
131
83
1.33
2.10
0.60
1.81
3.00
250
250
340
MLPS341M250EK0C
483
279
0.61
1.00
0.60
1.81
1.50
300
250
500
MLPS501M250EA0C
330
191
0.82
1.35
0.60
1.81
2.00
300
250
680
MLPS681M250EH0C
243
141
1.03
1.69
0.60
1.81
2.50
300
250
860
MLPS861M250EB0C
194
112
1.22
2.02
0.60
1.81
3.00
300
300
260
MLPS261M300EK0C
521
301
0.59
0.98
0.60
1.81
1.50
350
300
380
MLPS381M300EA0C
356
206
0.79
1.30
0.60
1.81
2.00
350
300
520
MLPS521M300EH0C
262
152
0.99
1.63
0.60
1.81
2.50
350
300
660
MLPS661M300EB0C
209
120
1.18
1.94
0.60
1.81
3.00
350
350
190
MLPS191M350EK0C
1508
1041
0.35
0.57
0.60
1.81
1.50
400
350
290
MLPS291M350EA0C
1026
708
0.48
0.77
0.60
1.81
2.00
400
350
390
MLPS391M350EH0C
753
520
0.60
0.97
0.60
1.81
2.50
400
350
500
MLPS501M350EB0C
596
411
0.72
1.16
0.60
1.81
3.00
400
400
140
MLPS141M400EK0C
1597
1102
0.34
0.56
0.60
1.81
1.50
450
400
210
MLPS211M400EA0C
1086
749
0.47
0.75
0.60
1.81
2.00
450
400
280
MLPS281M400EH0C
797
550
0.59
0.95
0.60
1.81
2.50
450
400
360
MLPS361M400EB0C
630
435
0.70
1.13
0.60
1.81
3.00
450
420
130
MLPS131M420EK0C
1614
1114
0.34
0.55
0.60
1.81
1.50
475
420
200
MLPS201M420EA0C
1097
757
0.46
0.75
0.60
1.81
2.00
475
420
270
MLPS271M420EH0C
806
556
0.58
0.94
0.60
1.81
2.50
475
420
340
MLPS341M420EB0C
637
440
0.70
1.13
0.60
1.81
3.00
475
450
120
MLPS121M450EK0C
1652
1140
0.34
0.55
0.60
1.81
1.50
500
450
180
MLPS181M450EA0C
1123
775
0.46
0.74
0.60
1.81
2.00
500
450
240
MLPS241M450EH0C
825
569
0.58
0.93
0.60
1.81
2.50
500
450
300
MLPS301M450EB0C
652
450
0.69
1.11
0.60
1.81
3.00
500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com