Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPS861M250EB0C Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MLPS861M250EB0C
Description  Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLPS861M250EB0C Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MLPS861M250EB0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 7Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 8Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Temperature Range
-55 ºC to 105 ºC
Nonoperating Temperature Range
-65 ºC to 105 ºC
Rated Voltage Range
7.5 Vdc to 450 Vdc
Capacitance Range
120 µF to 51,000 µF
Capacitance Tolerance
±20%
Leakage Current
5 minutes after Rated Voltage is achieved ≤0.002*C*V (µA)
Ambient Temperature & Frequency Multipliers
Air Cooled
The air flow multipliers are without a heatsink and use the multipliers
at the indicated temperature. The user must also ensure the maximum
peak voltage including ripple voltage that may be applied continuously
between the terminals should be less than the rated voltage of the
capacitor to achieve the longest life.
Typical Ripple Current Capability
The typical ripple current capability is set by the maximum permissible
internal core temperature, maximum lead current capability of 20 Arms,
and a maximum 20 ºC core rise (Not heatsinked), the maximum peak
voltage including ripple voltage applied continuously between the
terminals is less than the rated voltage of the capacitor. In addition, the
user should ensure that the peak-to-peak capacitor voltage divided by
the capacitor’s rated voltage VR should not exceed the greater of 10% or
0.01352 × (VDC Rated / 1[VDC])1/2.
Terminals- Lead Free Version Available
MLPS: Copper wire with 60/40 tin/lead electroplate, 20 amps max
MLPSR: Copper wire with brite tin electroplate, 20 amps max
Case Material
Aluminum with stainless steel sleeve
Type MLPS Flatpack aluminum electrolytic capacitors offer high
capacitance density in a low-profile package at 105 C. Their laser
welded seals and rugged construction provide extraordinary long-
life and reliability needed for ruggedized, commercial, and military-
grade power supplies. MLPS Flatpacks have been fully tested to
10,000 hours at rated voltage and ripple current at 105 °C.
Highlights
• Military-grade flat electrolytics, now optimized for 105 °C applications
• Life tested to 10,000 hours @ 105 °C, Rated Vdc
• High Vibration resistance up to 20g (HV Option)
• High Reliability burn-in available (48 hrs @ Vr, 105 °C)
• Welded seal resists “dry-out,” typical of conventional electrolytics.
• Excellent capacitance retention at -55 °C
Specifications
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
Frequency only Multipliers
Hz
50
60
120
360
1000
20000
0-50
0.83
0.82
1.00
1.02
1.05
1.06
51-100
0.79
0.81
1.00
1.06
1.14
1.15
101-200
0.75
0.78
1.00
1.10
1.28
1.34
201-300
0.70
0.72
1.00
1.10
1.32
1.39
301-450
0.71
0.73
1.00
1.07
1.22
1.29
Ambient Temperature Only Multipliers (No Heat Sink)
Temp°C
45
55
65
75
85
95
105
0-50
4.00
4.00
3.95
3.50
3.00
2.25
1.00
51-100
4.10
4.10
4.05
3.60
3.00
2.25
1.00
101-200
4.30
4.30
4.20
3.70
3.10
2.30
1.00
201-300
4.00
4.00
3.95
3.50
3.00
2.25
1.00
Ambient Air Temperature Velocity Only Multipliers (No heat sink)
Air Velocity m/sec
0.25
1.00
2.50
5.00
Ripple Current Multiplier (Bare Case)
1.00
1.18
1.37
1.51
Ripple Current Multiplier (PE Sleeved)
1.00
1.16
1.35
1.50


Similar Part No. - MLPS861M250EB0C

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
MLPS REDLION-MLPS Datasheet
1Mb / 16P
MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
logo
Bivar, Inc.
MLPS-B BIVAR-MLPS-B Datasheet
213Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLP5-2-XXXX
A
MLPS-B-1-0101-00-2-PLPC1 BIVAR-MLPS-B-1-0101-00-2-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
MLPS-B-1-0101-00-4-PLPC1 BIVAR-MLPS-B-1-0101-00-4-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
MLPS-B-1-0101-00-6-PLPC1 BIVAR-MLPS-B-1-0101-00-6-PLPC1 Datasheet
231Kb / 1P
MODULAR LIGHT PIPE SYSTEM, BEZEL, PLPC1-XXXX
A
More results

Similar Description - MLPS861M250EB0C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
105 ?C Ultra-Long Life Snap-In, Aluminum
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
400C CDE-400C Datasheet
343Kb / 6P
Long-Life, C Radial Leaded, Aluminum Electrolytic
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
105 쨘C Long Life Aluminum Electrolytic Capacitors
SEK CDE-SEK_18 Datasheet
588Kb / 8P
Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
ATB CDE-ATB Datasheet
341Kb / 2P
105°C Long Life, Low Impedance
Sep-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com