Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPS861M250EB0C Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # MLPS861M250EB0C
Description  Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLPS861M250EB0C Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button MLPS861M250EB0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 4Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 5Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 6Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 7Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 8Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 9Page - Cornell Dubilier Electronics MLPS861M250EB0C Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ratings
Type MLPS/MLPSR 105 °C FlatpackTM, Ultra Long Life, Aluminum Electrolytic
Very Low Profile
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Voltage
Vdc
Cap
µF
P/N
120Hz
25°C mΩ
ESR Max
20KHz
25°C mΩ
ESR Max
105°C
Arms
120Hz
105°C
Arms
20KHz
Case
Surge
Vdc
H
(in)
W
(in)
L
(in)
7.5
20000
MLPS203M7R5EK0C
60
53
1.76
1.96
0.60
1.81
1.50
10
7.5
29000
MLPS293M7R5EA0C
42
38
2.34
2.60
0.60
1.81
2.00
10
7.5
40000
MLPS403M7R5EH0C
33
29
2.86
3.18
0.60
1.81
2.50
10
7.5
51000
MLPS513M7R5EB0C
27
24
3.33
3.71
0.60
1.81
3.00
10
10
20000
MLPS203M010EK0C
60
53
1.76
1.96
0.60
1.81
1.50
13
10
29000
MLPS293M010EA0C
42
38
2.34
2.60
0.60
1.81
2.00
13
10
40000
MLPS403M010EH0C
33
29
2.86
3.18
0.60
1.81
2.50
13
10
51000
MLPS513M010EB0C
27
24
3.33
3.71
0.60
1.81
3.00
13
16
14000
MLPS143M016EK0C
61
54
1.75
1.95
0.60
1.81
1.50
20
16
22000
MLPS223M016EA0C
43
38
2.32
2.58
0.60
1.81
2.00
20
16
30000
MLPS303M016EH0C
33
29
2.85
3.16
0.60
1.81
2.50
20
16
38000
MLPS383M016EB0C
28
25
3.32
3.69
0.60
1.81
3.00
20
20
12000
MLPS123M020EK0C
62
54
1.74
1.93
0.60
1.81
1.50
25
20
17000
MLPS173M020EA0C
43
38
2.31
2.57
0.60
1.81
2.00
25
20
24000
MLPS243M020EH0C
34
30
2.83
3.15
0.60
1.81
2.50
25
20
30000
MLPS303M020EB0C
28
25
3.30
3.67
0.60
1.81
3.00
25
25
7800
MLPS782M025EK0C
64
57
1.70
1.89
0.60
1.81
1.50
30
25
11000
MLPS113M025EA0C
45
40
2.26
2.51
0.60
1.81
2.00
30
25
15000
MLPS153M025EH0C
35
31
2.77
3.08
0.60
1.81
2.50
30
25
19000
MLPS193M025EB0C
29
26
3.24
3.60
0.60
1.81
3.00
30
35
5700
MLPS572M035EK0C
66
58
1.69
1.87
0.60
1.81
1.50
50
35
8400
MLPS842M035EA0C
46
41
2.24
2.49
0.60
1.81
2.00
50
35
11000
MLPS113M035EH0C
36
31
2.75
3.06
0.60
1.81
2.50
50
35
14000
MLPS143M035EB0C
30
26
3.21
3.57
0.60
1.81
3.00
50
40
5000
MLPS502M040EK0C
67
59
1.67
1.86
0.60
1.81
1.50
55
40
7400
MLPS742M040EA0C
47
41
2.22
2.47
0.60
1.81
2.00
55
40
10000
MLPS103M040EH0C
36
32
2.73
3.04
0.60
1.81
2.50
55
40
12000
MLPS123M040EB0C
30
27
3.19
3.54
0.60
1.81
3.00
55
50
3700
MLPS372M050EK0C
70
62
1.64
1.82
0.60
1.81
1.50
63
50
5400
MLPS542M050EA0C
49
43
2.17
2.42
0.60
1.81
2.00
63
50
7400
MLPS742M050EH0C
38
33
2.67
2.97
0.60
1.81
2.50
63
50
9400
MLPS942M050EB0C
31
28
3.12
3.47
0.60
1.81
3.00
63
63
2800
MLPS282M063EK0C
118
95
1.17
1.45
0.60
1.81
1.50
75
63
3900
MLPS392M063EA0C
87
70
1.51
1.87
0.60
1.81
2.00
75
63
5300
MLPS532M063EH0C
66
53
1.87
2.33
0.60
1.81
2.50
75
63
6800
MLPS682M063EB0C
53
43
2.21
2.75
0.60
1.81
3.00
75
80
1800
MLPS182M080EK0C
134
108
1.09
1.36
0.60
1.81
1.50
100
80
2700
MLPS272M080EA0C
93
75
1.47
1.82
0.60
1.81
2.00
100
80
3700
MLPS372M080EH0C
70
56
1.82
2.27
0.60
1.81
2.50
100
80
4600
MLPS462M080EB0C
56
45
2.16
2.68
0.60
1.81
3.00
100
100
1100
MLPS112M100EK0C
148
119
1.04
1.29
0.60
1.81
1.50
125
100
1600
MLPS162M100EA0C
102
82
1.39
1.73
0.60
1.81
2.00
125
100
2300
MLPS232M100EH0C
77
62
1.74
2.16
0.60
1.81
2.50
125
100
2900
MLPS292M100EB0C
62
50
2.06
2.55
0.60
1.81
3.00
125
150
600
MLPS601M150EK0C
296
186
0.70
1.09
0.60
1.81
1.50
180



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com