Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12DL080 Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
2
V
INA+
V
INB+
Differential analog input pins. With a 1.0V reference voltage the
differential full-scale input signal level is 2.0 V
P-P with each
input pin voltage centered on a common mode voltage, V
CM.
The negative input pins may be connected to V
CM for
single-ended operation, but a differential input signal is
required for best performance.
16
1
V
INA−
V
INB−
7V
REF
This pin is used in conjunction with REFSEL/DCS (pin 11) to
select the internal 1.0V reference, or as the external reference
input.
If V
REF is tied HIGH, the internal 1.0V reference is selected.
REFSEL/DCS must be LOW or tied to V
RMAorVRMB.
If a voltage in the range of 0.8V to 1.2V is applied to this pin,
that voltage is used as the reference. V
REF should be
bypassed to AGND with a 0.1 µF low ESL capacitor when an
external reference is used. The nominal external reference
voltage is 1.0V but values in the range of 0.8V to 1.2V may be
used. REFSEL/DCS must be HIGH or tied to V
RMAorVRMB.
See Table 3 in Section 2.2 for more information.
11
REFSEL/DCS
This pin is used in conjunction with V
REF (pin 7) to select the
reference source and turn the Duty Cycle Stabilizer (DCS) on
or off.
When REFSEL/DCS is LOW and V
REF is HIGH, the internal
1.0V reference is selected and DCS is On.
When REFSEL/DCS is HIGH, an external reference voltage in
the range of 0.8V to 1.2V should be applied to the V
REF input.
DCS is On.
With this pin connected to V
RMAorVRMB, DCS is Off.
See Table 3 in Section 2.2 for more information.
13
5
V
RPA
V
RPB
These are reference bypass pins. These pins should each be
bypassed to ground with a 0.1 µF capacitor. A 10 µF capacitor
should be placed between the V
RPA and VRNA pins and
between the V
RPB and VRNB pins.
These pins should not be loaded.
14
4
V
RMA
V
RMB
12
6
V
RNA
V
RNB
DIGITAL I/O
60
CLK
Digital clock input. The range of frequencies for this input is as
specified in the electrical tables with guaranteed performance
at 80 MHz. The inputs are sampled on the rising edge.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com