Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12DL080 Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG POWER
9, 18, 19,
62, 63
V
A
Positive analog supply pins. These pins should be connected
to a quiet +3.3V source and bypassed to AGND with 0.1 µF
capacitors located near the power pins, and with a 10 µF
capacitor.
3, 8, 10, 17,
20, 61, 64
AGND
The ground return for the analog supply.
DIGITAL POWER
33, 48
V
D
Positive digital supply pin. This pin should be connected to the
same quiet +3.3V source as is V
A and be bypassed to DGND
with a 0.1 µF capacitor located near the power pins, and with a
10 µF capacitor.
32, 49
DGND
The ground return for the digital supply.
30, 51
V
DR
Positive driver supply pin for the ADC12DL080’s output drivers.
This pin should be connected to a voltage source of +2.4V to
V
D and be bypassed to DRGND with a 0.1 µF capacitor. This
supply should also be bypassed with a 10 µF capacitor. V
DR
should never exceed the voltage on V
D. All 0.1 µF bypass
capacitors should be located near the supply pin.
23, 31, 40,
50, 58
DRGND
The ground return for the digital supply for the ADC12DL080’s
output drivers. These pins should be connected to the system
digital ground, but not be connected in close proximity to the
ADC12DL080’s DGND or AGND pins. See Section 5 (Layout
and Grounding) for more details.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com