Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC12DL080 Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
21
OF/DOEN
OF/DOEN selects the output format (OF) or enables the DRDY
output (DOEN). The state of this pin also controls the function
of pins 22 and 41.
When OF/DOEN is tied to V
RMAorVRMB, DRDY is enabled.
Pin 41 is used as the DRDY output strobe, and pin 22 is used
to select the output format. Output Enable for channels A and
B are not available in this mode.
When OF/DOEN is LOW, the output data format is offset
binary.
With OF/DOEN tied HIGH, the output format is 2’s
complement.
See Table 4 in Section 2.3 for more information.
22
OEA/OF
Output Enable for Channel A (OEA ) or Output format (OF).
The function of this pin is controlled by the state of pin 21.
When DRDY is enabled (pin 21 tied to V
RMAorVRMB) this pin
sets the output format. When LOW, the output data format is
offset binary. When HIGH, the output format is 2’s
complement.
When DRDY is not enabled (pin 21 is LOW or HIGH) this pin
is the Output Enable for Channel A. When LOW the outputs for
Channel A are active. When HIGH, the outputs for Channel A
are in a high impedance state.
See Table 4 in Section 2.3 for more information.
41
OEB/DRDY
Output Enable for Channel B (OEB ) or Data Ready Output
strobe (DRDY). The function of this pin is controlled by the
state of pin 21.
When DRDY is enabled (pin 21 tied to V
RMAorVRMB) this pin
is the DRDY output. The data outputs are synchronized with
the falling edge of this signal. This signal switches at the same
rate as the input clock.
When DRDY is not enabled (pin 21 is LOW or HIGH) this pin
is the Output Enable for Channel B. When LOW the outputs for
Channel B are active. When HIGH, the outputs for Channel B
are in a high impedance state.
See Table 4 in Section 2.3 for more information.
59
PD
PD is the Power Down input pin. When high, this input puts the
converter into the power down mode. When this pin is low, the
converter is in the active mode.
24–29
34–39
DA0–DA5
DA6-DA11
Digital data output pins that make up the 12-bit conversion
results of their respective converters. DA0 and DB0 are the
LSBs, while DA11 and DB11 are the MSBs of the output word.
Output levels are TTL/CMOS compatible. Optimum loading is
< 10pF.
42–47
52–57
DB0–DB5
DB6-DB11
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com