Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12DL080 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 9Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 10Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Converter Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at −3 dB
600
MHz
SNR
Signal-to-Noise Ratio (Note 16)
f
IN = 40 MHz, VIN = −1 dBFS
69.3
67
dBFS (min)
f
IN = 200 MHz, VIN = −1 dBFS
67
dBFS
SINAD
Signal-to-Noise and Distortion
(Note 16)
f
IN = 40 MHz, VIN = −1 dBFS
69
66.5
dBFS (min)
f
IN = 200 MHz, VIN = −1 dBFS
66.5
dBFS
ENOB
Effective Number of Bits (Note 16)
f
IN = 40 MHz, VIN = −1 dBFS
11
10.75
Bits (min)
f
IN = 200 MHz, VIN = −1 dBFS
10.75
Bits
THD
Total Harmonic Distortion
f
IN = 40 MHz, VIN = −1 dBFS
−80
-71
dBc (min)
f
IN = 200 MHz, VIN = −1 dBFS
−76.8
dBc
H2
Second Harmonic Distortion
f
IN = 40 MHz, VIN = −1 dBFS
−85
-73
dBc (min)
f
IN = 200 MHz, VIN = −1 dBFS
−84
dBc
H3
Third Harmonic Distortion
f
IN = 40 MHz, VIN = −1 dBFS
−82
-74
dBc (min)
f
IN = 200 MHz, VIN = −1 dBFS
−81
dBc
SFDR
Spurious Free Dynamic Range
f
IN = 40 MHz, VIN = −1 dBFS
82
73
dBc (min)
f
IN = 200 MHz, VIN = −1 dBFS
81
dBc
IMD
Intermodulation Distortion
f
IN = 19.6 MHz and 20.2 MHz,
each = −6.5 dBFS
−70
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel — Channel Offset Match
±0.3
%FS
Channel — Channel Gain Match
±0.4
%FS
Crosstalk
10 MHz Tested, Channel;
20 MHz Other Channel
90
dBc
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D = 3.0V
1.0
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 3.3V
10
µA
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−10
µA
C
IN
Digital Input Capacitance
5
pF
DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −0.5 mA
V
DR = 2.5V
2.3
V (min)
V
DR =3V
2.7
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = 1.6 mA, VDR =3V
0.4
V (max)
I
OZ
TRI-STATE® Output Current
V
OUT = 2.5V or 3.3V
100
nA
V
OUT = 0V
−100
nA
+I
SC
Output Short Circuit Source
Current
V
OUT = 0V
−20
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
20
mA
C
OUT
Digital Output Capacitance
5
pF
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com