Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1203 Datasheet(PDF) 21 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 21 Page - International Rectifier

Back Button IP1203 Datasheet HTML 15Page - International Rectifier IP1203 Datasheet HTML 16Page - International Rectifier IP1203 Datasheet HTML 17Page - International Rectifier IP1203 Datasheet HTML 18Page - International Rectifier IP1203 Datasheet HTML 19Page - International Rectifier IP1203 Datasheet HTML 20Page - International Rectifier IP1203 Datasheet HTML 21Page - International Rectifier IP1203 Datasheet HTML 22Page - International Rectifier IP1203 Datasheet HTML 23Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.irf.com
21
iP1203
0.15 [.006] C
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
NOTES:
B
(1)
0.508
0.800
(3)
2.769
1.778
X
Y
Y
X
LAYOUT NOTES:
1. MIRROR THE EXACTLY MODULE PAD OPENING TO PCB LAYOUT.
0.889
e
9 [0.355]
9 [0.355]
(9)
Y
X
1.524
2.032
0.000
1.380
0.892
1.870
3.021
0.758
4.522
4.461
4.243
7.489
9.000
8.352
1.833
15X K
15X R
12X e
2.032
X
(8)
2.261
Y
(7)
1.016
2.261
Y
X
A
0.15 [.006] C
2X
2X
TOP VIEW
BOTTOM VIEW
SIDE VIEW
PACKAGE BODY.
5 PRIMARY DATUM C IS SEATING PLANE.
6 BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE
6
6
ORIENTATION
CORNER ID
2.31 [.0909]
2.13 [.0839]
7 DETAILS OF TERMINAL # 1 IDENTIFIER ARE OPTIONAL, BUT MUST
BE LOCATED WITHIN THE ZONE INDICATED . THE TERMINAL # 1
IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE .
4. LAND DESIGNATION PER JESD MO 222, SPP-010.
7
(5)
(10)
0.254
K
R
0.269
(6)
X
1.016
Y
2.139
Y
0.508
(4)
2.261
Y
X
1.016
X
2.261
(2)
0.508
X
Y
0.800
Refer to the following application notes for detailed guidelines and suggestions when implementing iPOWIR
technology products:
AN-1029: Optimizing a PCB Layout for an iPOWIR Technology Design
This paper describes how to optimize the PCB layout design for both thermal and electrical performance. This
includes placement, routing, and via interconnect suggestions.
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss vs Current and SOA curves in the data sheet to validate if the
operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
AN-1043: Stabilize the Buck Converter with Transconductance Amplifier
This paper explains how to stabilize a buck converter for Type II and Type III control loop compensation using
transconductance amplifiers.
AN-1047: Graphical solution to two branch heatsinking Safe Operating Area
This paper is a suppliment to AN-1030 and explains how to use the double side Power Loss vs Current and
SOA curves in the data sheet to validate if the operating conditions and thermal environment are within the
Safe Operating Area of the iPOWIR product.
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s iPOWIR
Technology BGA and LGA Packages
This paper discusses optimization of the layout design for mounting iPOWIR BGA and LGA packages on
printed circuit boards, accounting for thermal and electrical performance and assembly considerations.
Topics discussed includes PCB layout placement, routing, and via interconnect suggestions, as well as
soldering, pick and place, reflow, cleaning and reworking recommendations.
Fig. 25: Outline Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com