Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1203 Datasheet(PDF) 11 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 11 Page - International Rectifier

Back Button IP1203 Datasheet HTML 7Page - International Rectifier IP1203 Datasheet HTML 8Page - International Rectifier IP1203 Datasheet HTML 9Page - International Rectifier IP1203 Datasheet HTML 10Page - International Rectifier IP1203 Datasheet HTML 11Page - International Rectifier IP1203 Datasheet HTML 12Page - International Rectifier IP1203 Datasheet HTML 13Page - International Rectifier IP1203 Datasheet HTML 14Page - International Rectifier IP1203 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.irf.com
11
iP1203
Overcurrent Protection HICCUP
The overcurrent protection function of the iP1203
offers a hiccup feature. During overloads, when the
overcurrent trip threshold is reached, the power sup-
ply output shuts down and attempts to restart (out-
put HICCUP mode). The time duration between the
shutdown of the output and the restart is determined
by the time it takes to discharge the soft start ca-
pacitor. Typically, the discharge time of the soft start
capacitor is 10 times the charge time. The duty cycle
of the hiccup process is typically 5%. The output will
stay in hiccup indefinitely until the overload is re-
moved. The typical overcurrent trip threshold of the
device is internally set at 30A. The overcurrent shut-
down / HICCUP threshold is about ±30% accurate.
The iP1203 overcurrent shutdown and HICCUP
threshold can be set externally by adding R
OCSET re-
sistor from OCSET pin. Refer to Fig.8 for R
OCSET se-
lection.
Overvoltage Protection (OVP)
Overvoltage is sensed through output voltage sense
pin FBs. The OVP threshold is set to 115% of the
output voltage. Upon overvoltage condition, the OVP
forces a latched shutdown. In this mode, the upper
FET turns off and the lower FET turns on, thus
crowbaring the output. Reset is performed by recy-
cling the input voltage. Overvoltage can be sensed
by either connecting FBs to its corresponding output
through a separate output voltage divider resistor
network, or it can be connected directly to its corre-
sponding feedback pin FB. For Type III control loop
compensation, FBs should be connected through
voltage dividers only.
Refer to the iP1203 Design Procedure section on
how to set the OVP trip threshold.
PGOOD
This is an output voltage status signal that is open
collector and is pulled low when the output voltage
falls below 85% of the output voltage. High state in-
dicates that outputs are in regulation. The PGOOD
pin can be left floating if not used.
Thermal Shutdown
The iP1203 provides thermal shutdown. The thresh-
old typically is set to 140°C. When the trip threshold
is exceeded, thermal shutdown turns the output off.
Thermal shutdown is not latched and automatic re-
start is initiated when the sensed temperature drops
to the normal range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com