Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1203 Datasheet(PDF) 13 Page - International Rectifier

Part # IP1203
Description  Single Output Full Function Synchronous Buck Power Block
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1203 Datasheet(HTML) 13 Page - International Rectifier

Back Button IP1203 Datasheet HTML 9Page - International Rectifier IP1203 Datasheet HTML 10Page - International Rectifier IP1203 Datasheet HTML 11Page - International Rectifier IP1203 Datasheet HTML 12Page - International Rectifier IP1203 Datasheet HTML 13Page - International Rectifier IP1203 Datasheet HTML 14Page - International Rectifier IP1203 Datasheet HTML 15Page - International Rectifier IP1203 Datasheet HTML 16Page - International Rectifier IP1203 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.irf.com
13
iP1203
For better efficiency and low input ripple, select low
ESR ceramic capacitors. The amount of the capaci-
tors is determined based on the rms rating. In the
above example, a total of 3 x 22µF, 2A capacitors will
be required to support the input rms current.
Output Capacitor CO Selection
Selection of the output capacitors depends on two
factors:
a. Low effective ESR for ripple and load transient re-
quirements
To support the load transients and to stay within a
specified voltage dip ∆V due to the transients, ESR
selection should satisfy equation (4):
R
ESR ≤ ∆V / ILoadmax
(4)
Where,
I
Loadmax is the maximum load current.
If output voltage ripple is required to be maintained
at specified levels then the expression in equation
(5) should be used to select the output capacitors.
R
ESR ≤ Vp-p / Iripple
(5)
Where,
V
p-p is the peak to peak output ripple voltage .
I
ripple is the inductor peak-to peak ripple current.
In addition, the voltage ripple caused by the output
capacitor needs to be significantly smaller than the
ripple caused by the ESR of the capacitor. Use equa-
tion (6) to satisfy this requirement.
If the inductor current ripple I
ripple is 30% of IOUT1, the
50mV peak to peak output voltage ripple requirement
will be met if the total ESR of the output capacitors is
less than 11mΩ. This will require 2 x 470µF POSCAP
capacitors. Additional ceramic capacitors can be
added in parallel to further reduce the ESR. Care
should be given to properly compensate the control
loop for low output capacitor ESR values.
When selecting output capacitors, it is important to
consider the overshoot performance of the power sup-
ply. If the amount of capacitance is not adequate, then,
when unloading the output, the magnitude of the over-
shoot due to stored inductor energy, and depending
on the speed of the response of the control loop, can
exceed the overvoltage trip threshold of the iP1203
and can cause undesirable shutdown of the output.
The magnitude of the overshoot should be kept be-
low 1.125V
OUT . To prevent the overshoot from trip-
ping the output a delay can be added by installing
capacitor C14 as shown in Fig.14.
b. Stability
The value of the output capacitor ESR zero frequency
f
esr plays a major role in determining stability. fesr is
calculated by the expression in equation (7).
f
ESR = 1 / (2 π x RESR x CO)
(7)
Details on how to consider this parameter to design
for stability are outlined in the control loop compen-
sation section of this datasheet.
Inductor LO Selection
Inductor selection is based on trade-offs between size
and efficiency. Low inductor values result in smaller
sizes, but can cause large ripple currents and lower
efficiency. Low inductor values also benefit the tran-
sient performance.
The inductor L
ois selected according to equation (8):
L
O = Vout x (1 - D) / (fsw x Iripple)
(8)
For the above example, and for I
ripple of 30% of IOUT, LO
is calculated to be 1.0µH.
The core must be selected according to the peak of
maximum output current.
(6)
ESR
s
o
R
f
C
×
×
>
π
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com