Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306CACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3306CACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306CACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  LTC3306CACBZ-R7 Datasheet HTML 1Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 2Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3306
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Temperature
Switch Current Limits
vs Temperature
PMOS Current Limit
vs Input Voltage
PMOS Current Limit vs Duty Cycle
VIN Shutdown Current vs
Temperature
VIN Quiescent Current, Burst
Mode Operation, Sleeping vs
Temperature
VIN = 3.3V, TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
3306 G07
DUTY CYCLE = 20%
PMOS IPEAKMAX
NMOS IVALLEYMAX
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3306 G08
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3306 G09
VIN = 2.5V
VIN = 3.3V
VIN = 5V
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3306 G10
VIN = 2.5V
VIN = 3.3V
VIN = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3306 G11
VIN = 2.5V
VIN = 3.3V
VIN = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
25
30
35
40
45
50
55
60
3306 G12
VIN Quiescent Current All Modes,
Not Sleeping vs Temperature
Switch Leakage vs Temperature
Enable Thresholds vs
Temperature
VIN = 2.5V
VIN = 3.3V
VIN = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.000
1.100
1.200
1.300
1.400
1.500
3306 G13
PMOS
NMOS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
125
250
375
500
625
750
3306 G14
EN RISING
EN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
320
330
340
350
360
370
380
390
400
410
420
3306 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com