Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306CACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3306CACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306CACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  LTC3306CACBZ-R7 Datasheet HTML 1Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 2Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3306
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
1.75A Synchronous Step-Down
Regulator in 1.6mm × 1mm WLCSP
The LTC®3306 is a very small, high efficiency, low noise,
monolithic synchronous step-down DC/DC converter
capable of providing as much as 1.75A average output
current from a 2.25V to 5.5V input supply. Using constant
frequency, peak current mode control at 2MHz switch-
ing frequency, and with a minimum on-time of 22ns, this
regulator achieves fast transient response and precise
regulation in an extremely small solution size.
The LTC3306 is available in forced continuous mode for
lower noise, or low-ripple Burst Mode operation for higher
efficiency at light load.
The LTC3306 is available with an external resistor pro-
grammable output or with fixed output voltages from
500mV to 3.65V in 50mV increments, and 100% duty
cycle operation delivers very low drop out voltage.
Other features include a high precision PGOOD output, a
precision enable threshold, output overvoltage protection,
thermal shutdown, and output short-circuit protection.
This device is available in a 6-pin 1.6mm × 1mm, 0.5mm
pitch WLCSP package.
High Efficiency, 2MHz, 1.2V/1.75A Step-Down Converter
APPLICATIONS
n
VOUT Range: 0.5V to 3.65V
n
2MHz Switching Frequency
n
Low Ripple Burst Mode® or Forced Continuous
Mode of Operation
n
High Efficiency: 30mΩ NMOS, 100mΩ PMOS
n
Peak Current Mode Control
n
22ns Minimum On-Time
n
Wide Bandwidth, Fast Transient Response
n
Safely Tolerates Inductor Saturation in Overload
n
VIN Range: 2.25V to 5.5V
n
VOUT Accuracy: ±1.0%
n
Precision 400mV Enable Threshold
n
Low Shutdown Current (1μA)
n
Internal Compensation
n
Internal Soft-Start
n
Power Good Output
n
Tiny WLCSP Package and Few Tiny External
Components Yield a Complete Solution Size of 9mm2
n
General Purpose, Industrial, GSM Supplies
n
Distributed DC Power Systems (POL)
n
FPGA, ASIC, µP Core Supplies
All registered trademarks and trademarks are the property of their respective owners.
Efficiency vs Load Current
3306A TA01a
EN
VIN
GND
10µF
1 H
22µF
VOUT
1.2V
1.75A
VIN
2.25V TO
5.5V
SW
VOUT
LTC3306A-1.20
PGOOD
fOSC = 2MHz
VIN = 3.3V
VOUT = 1.2V
fOSC = 2MHz
EFFICIENCY
POWER LOSS
MURATA DFE201612E-1R0M
ILOAD (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
0
0.10
0.20
0.30
0.40
0.50
3306A TA01b


Similar Part No. - LTC3306CACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3300-1 LINER-LTC3300-1 Datasheet
750Kb / 44P
High Effciency Bidirectional Multicell Battery Balancer
LTC3300-1 LINER-LTC3300-1_15 Datasheet
470Kb / 46P
High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2_15 Datasheet
473Kb / 42P
Addressable High Efficiency Bidirectional Multicell Battery Balancer
logo
Analog Devices
LTC3302 AD-LTC3302 Datasheet
2Mb / 20P
5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
Rev. 0
More results

Similar Description - LTC3306CACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.8 LINER-LTC3406-1.8_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
Synchronous Step-Down Regulator
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com