Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306CACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3306CACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306CACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3306CACBZ-R7 Datasheet HTML 2Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 9Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3306
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN UVLO Thresholds vs
Temperature
UV, OV PGOOD Thresholds vs
Temperature
VOUT Load Regulation,
VOUT = 1.2V
VOUT Line Regulation,
VOUT = 1.2V
Efficiency vs Load, VOUT = 1.2V,
LTC3306A
Efficiency vs Load, VOUT = 1.2V,
LTC3306C
VIN = 3.3V, TA = 25°C, unless otherwise noted.
VIN RISING
VIN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
3306 G16
UV, VOUT RISING
OV, VOUT RISING
OV, VOUT FALLING
UV, VOUT FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
94
96
98
100
102
104
106
108
110
112
3306 G17
VIN = 2.5V
VIN = 3.3V
VIN = 5V
OUTPUT CURRENT (A)
0
0.25 0.50 0.75
1
1.25 1.50 1.75
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
3306 G18
0A
0.5A
1A
1.5A
1.75A
INPUT VOLTAGE (V)
2
2.50
3
3.50
4
4.50
5
5.50
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
3306 G19
MURATA DFE201612E-1R0M
VIN = 2.5V
VIN = 3.3V
VIN = 5.0V
ILOAD (A)
0.001
0.01
0.1
1 2
65
70
75
80
85
90
95
3306 G20
MURATA DFE201612E-1R0M
VIN = 2.5V
VIN = 3.3V
VIN = 5.0V
ILOAD (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
3306 G21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com