Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306CACBZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3306CACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306CACBZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  LTC3306CACBZ-R7 Datasheet HTML 1Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 2Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306CACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3306
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................... –0.3V to 6V
EN ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
VOUT..................... –0.3V to Lesser of (VIN + 0.3V) or 6V
PGOOD......................................................... –0.3V to 6V
IPGOOD......................................................................5mA
Operating Junction Temperature Range (Note 2):
LTC3306AA/LTC3306CA ..................–40°C to +125°C
Storage Temperature Range ................ –65°C to +150°C
(Note 1)
ORDER INFORMATION
DEVICE
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3306AACBZ-R7
HRM
6-Pin (1.6mm × 1mm) WLCSP
–40°C to 125°C
LTC3306CACBZ-R7
HRP
6-Pin (1.6mm × 1mm) WLCSP
–40°C to 125°C
LTC3306AACBZ-1.2-R7
HRR
6-Pin (1.6mm × 1mm) WLCSP
–40°C to 125°C
LTC3306CACBZ-1.2-R7
HRT
6-Pin (1.6mm × 1mm) WLCSP
–40°C to 125°C
DEVICE NAME CONSTRUCTION
GENERIC
OPTION
TEMP GRADE*
PACKAGE CODE
LEAD FREE
TAPE AND REEL
LTC3306
A, C
A
CB
Z
R7 (3000)
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications.
LTC3306 OPTION
PARAMETER
FB or VOUT
SWITCHING FREQUENCY***
OPERATIONAL MODE
A
2MHz
Discontinuous Mode (DCM)/Burst Mode
0.5V*
1.2V**
C
2MHz
Forced Continuous Mode (FCM)
*0.5V version is the adjustable version with FB pin. Connect an external resistor divider on this pin to set the output voltage.
**Other fixed output voltages from 500mV to 3.65V in 50mV increments are available; contact Marketing for availability.
***Contact Marketing regarding the availability of 6MHz versions of the above devices.
PART NUMBER CONSTRUCTION
1
A
B
C
2
PGOOD
GND
EN
SW
FB or VOUT VIN
TOP VIEW
WLCSP PACKAGE
6-PIN (1.6mm × 1mm) FLIP-CHIP
TJMAX = 125°C , θJC = 1.5°C/W, θJA = 60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com